Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F006 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 30Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 31Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 32Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 33Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 34Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 35Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 36Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 37Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
Rev. 1.00
34
��to�e� ��� �01�
Rev. 1.00
35
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Bit1
IDLEN:IDLEModecontrol
0:Disable
1:Enable
ThisistheIDLEModeControlbitanddetermineswhathappenswhentheHALT
instructionisexecuted.Ifthisbitishigh,whenaHALTinstructionisexecutedthe
deviceswillentertheIDLEMode.IntheIDLE1ModetheCPUwillstoprunning
butthesystemclockwillcontinuetokeeptheperipheralfunctionsoperational,if
FSYSONbitishigh.IfFSYSONbitislow,theCPUandthesystemclockwillallstop
inIDLE0mode.IfthebitislowthedeviceswillentertheSLEEPModewhenaHALT
instructionisexecuted.
Bit0
HLCLK:Systemclockselection
0:fH/2~fH/64orfL
1:fH
ThisbitisusedtoselectifthefHclockorthefH/2~fH/64orfLclockisusedasthe
systemclock.WhenthebitishighthefHclockwillbeselectedandiflowthe
fH/2~fH/64orfLclockwillbeselected.WhensystemclockswitchesfromthefHclock
tothefLclockandthefHclockwillbeautomaticallyswitchedofftoconservepower.
Fast Wake-up
TominimisepowerconsumptionthedevicescanentertheSLEEPorIDLE0Mode,wherethe
systemclocksourcetothedeviceswillbestopped.Howeverwhenthedevicesarewokenupagain,
itcantakeaconsiderabletimefortheoriginalsystemoscillatortorestart,stabilizeandallownormal
operationtoresume.ToensurethedevicesareupandrunningasfastaspossibleaFastWake-up
functionisprovided,whichallowfLIRC,namelyLIRCoscillator,toactasatemporaryclocktofirst
drivethesystemuntiltheoriginalsystemoscillatorhasstabilised.AstheclocksourcefortheFast
Wake-upfunctionisfLIRC,theFastWake-upfunctionisonlyavailableintheSLEEP1andIDLE0
modes.WhenthedevicesarewokenupfromtheSLEEP0mode,theFastWake-upfunctionhasno
effectbecausethefLIRCclockisstopped.TheFastWake-upenable/disablefunctioniscontrolled
usingtheFSTENbitintheSMODregister.
IftheHXToscillatorisselectedastheNORMALModesystemclock,andiftheFastWake-up
functionisenabled,thenitwilltakeonetotwotLIRCclockcyclesoftheLIRCoscillatorforthe
systemtowake-up.ThesystemwilltheninitiallyrununderthefLIRCclocksourceuntil1024HXT
clockcycleshaveelapsed,atwhichpointtheHTOflagwillswitchhighandthesystemwillswitch
overtooperatingfromtheHXToscillator.
IftheHIRCoscillatorsorLIRCoscillatorisusedasthesystemoscillatorthenitwilltake15~16
clockcyclesoftheHIRCor1~2cyclesoftheLIRCtowakeupthesystemfromtheSLEEPor
IDLE0Mode.TheFastWake-upbit,FSTENwillhavenoeffectinthesecases.
System
Oscillator
FSTEN
Bit
Wake-up Time
(SLEEP0 Mode)
Wake-up Time
(SLEEP1 Mode)
Wake-up Time
(IDLE0 Mode)
Wake-up Time
(IDLE1 Mode)
HXT
0
10�4 HXT �y�les
10�4 HXT �y�les
1~� HXT �y�les
1
10�4 HXT �y�les
1~� fLIRC cycles (System runs first with
fLIRC fo� 10�4 HXT �y�les and then
swit�hes ove� to �un with the HXT �lo�k)
1~� HXT �y�les
HIRC
x
15~16 HIRC �y�les 15~16 HIRC �y�les
1~� HIRC �y�les
LIRC
x
1~� LIRC �y�les
1~� LIRC �y�les
1~� LIRC �y�les
“x”: don’t �a�e
Wake-Up Times
NotethatiftheWatchdogTimerisdisabled,whichmeansthattheLIRCisoff,thentherewillbeno
FastWake-upfunctionavailablewhenthesedeviceswake-upfromtheSLEEP0Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com