Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F006 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 5Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
Rev. 1.00
8
��to�e� ��� �01�
Rev. 1.00
9
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Pin Descriptions
Withtheexceptionofthepowerpins,allpinsonthesedevicescanbereferencedbytheirPortname,
e.g.PA.0,PA.1etc,whichrefertothedigitalI/Ofunctionofthepins.HoweverthesePortpinsare
alsosharedwithotherfunctionsuchasTimerModulepinsetc.Thefunctionofeachpinislisted
inthefollowingtable,howeverthedetailsbehindhoweachpinisconfigurediscontainedinother
sectionsofthedatasheet.
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Po�t A
PAWU
PAPU
ST
CM�S
—
TCK0
TM0 input
PRM
ST
—
PA6 o� PA7
TCK1
TM1 input
PRM
ST
—
PA7 o� PA4 o� PA�
TP0_0
TM0 I/�
PRM
ST
CM�S PA� o� PA0
TP0_1
TM0 I/�
PRM
ST
CM�S PA5 o� PA1
TP1_0
TM1 I/�
PRM
ST
CM�S PA7 o� PA6
TP1_1
TM1 I/�
PRM
ST
CM�S PA4
INT
Exte�nal Inte��upt
INTC0
INTEG
ST
—
PA7 o� PA5 o� PA3 o� PA�
�SC1
HXT pin
C�
HXT
—
PA6
�SC�
HXT pin
C�
—
HXT PA5
VDD
Powe� supply
—
PWR
—
—
VSS
G�ound
—
PWR
—
—
Note:I/T:Inputtype; O/T:Outputtype
OP:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power;
CO:Configurationoption; ST:SchmittTriggerinput
CMOS:CMOSoutput;
HXT:Highfrequencycrystaloscillator
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOHTotal..................................................................................................................................-100mA
IOLTotal................................................................................................................................... 100mA
TotalPowerDissipation........................................................................................................ 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesat
otherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposureto
extremeconditionsmayaffectdevicesreliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com