Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F006 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 36Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 37Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 38Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 39Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 40Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 41Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 42Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 43Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 93 page
background image
Rev. 1.00
40
��to�e� ��� �01�
Rev. 1.00
41
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Programming Considerations
ThehighspeedandlowspeedoscillatorsbothusethesameSSTcounter.
• IfthesedevicesarewokenupfromtheSLEEP1ModetoNORMALMode,andthesystemclock
sourceisfromHXToscillatorandFSTENis“1”,thesystemclockcanbeswitchedtotheLIRC
oscillatorafterwakeup.
• Thereareperipheralfunctions,suchasWDTandTMs,forwhichthefSYSisused.Ifthesystem
clocksourceisswitchedfromfHtofL,theclocksourcetotheperipheralfunctionsmentioned
abovewillchangeaccordingly.
• Theon/offconditionoffSUBandfSdependsuponwhethertheWDTisenabledordisabledasthe
WDTclocksourceisselectedfromfLIRC.
Watchdog Timer
TheWatchdogTimerisprovidedtopreventprogrammalfunctionsorsequencesfromjumpingto
unknownlocations,duetocertainuncontrollableexternaleventssuchaselectricalnoise.
Watchdog Timer Clock Source
TheWatchdogTimerclocksourceisprovidedbytheinternalclock,fLIRC,whichissourcedfromthe
LIRCoscillator.TheWatchdogTimersourceclockisthensubdividedbyaratioof28to218togive
longertimeouts,theactualvaluebeingchosenusingtheWS2~WS0bitsintheWDTCregister.The
LIRCinternaloscillatorhasanapproximateperiodof32kHzatasupplyvoltageof5V.
However,itshouldbenotedthatthisspecifiedinternalclockperiodcanvarywithVDD,temperature
andprocessvariations.TheWDTcanbechosenusingaconfigurationoptiontobealwaysenabled
orenabled/disabledusingtheWDTCregister.
Watchdog Timer Control Register
Asingleregister,WDTC,controlstherequiredtimeoutperiodaswellastheenable/disable
operation.TheWRFsoftwareresetflagwillbeindicatedintheCTRLregister.Thisregistertogether
withaconfigurationoptioncontroltheoveralloperationoftheWatchdogTimer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com