Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F006 Datasheet(PDF) 92 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 85Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 86Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 87Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 88Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 89Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 90Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 91Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 92Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 93Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 92 / 93 page
background image
Rev. 1.00
9�
��to�e� ��� �01�
Rev. 1.00
93
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Package Information
Notethatthepackageinformationprovidedhereisforconsultationpurposesonly.Asthis
informationmaybeupdatedatregularintervalsusersareremindedtoconsulttheHoltekwebsite
(http://www.holtek.com.tw/english/literature/package.pdf)forthelatestversionofthepackage
information.
10-pin MSOP Outline Dimensions
A1
A
E1
e
B
A2
R 0. 10
(4 C OR NE RS )
L
E
C
G
D
1
5
6
10
L1
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
―
―
0.043
A1
0.000
―
0.006
A�
0.030
0.033
0.037
B
0.007
―
0.011
C
―
―
0.010
D
―
0.118
―
E
―
0.193
―
E1
―
0.118
―
e
―
0.0�0
―
L
0.016
0.0�4
0.031
L1
―
0.037
―
θ
0°
―
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
―
―
0.10
A1
0.00
―
0.15
A�
0.75
0.85
0.95
B
0.17
―
0.�7
C
―
―
0.�5
D
―
3.00
―
E
―
4.90
―
E1
―
3.00
―
e
―
0.50
―
L
0.40
0.60
0.80
L1
―
0.95
―
θ
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com