Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX922IDT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSX922IDT
Description  10 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX922IDT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSX922IDT Datasheet HTML 9Page - STMicroelectronics TSX922IDT Datasheet HTML 10Page - STMicroelectronics TSX922IDT Datasheet HTML 11Page - STMicroelectronics TSX922IDT Datasheet HTML 12Page - STMicroelectronics TSX922IDT Datasheet HTML 13Page - STMicroelectronics TSX922IDT Datasheet HTML 14Page - STMicroelectronics TSX922IDT Datasheet HTML 15Page - STMicroelectronics TSX922IDT Datasheet HTML 16Page - STMicroelectronics TSX922IDT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TSX920, TSX921, TSX922, TSX923
Electrical characteristic curves
DocID024310 Rev 4
13/32
Figure 14: Open loop gain vs. frequency
Figure 15: Bode diagram vs. temperature for VCC = 4 V
Figure 16: Bode diagram vs. temperature
for VCC = 10 V
Figure 17: Bode diagram vs. temperature
for VCC = 16 V
Figure 18: Bode diagram at VCC = 16 V with low
common-mode voltage
Figure 19: Bode diagram at VCC = 16 V with high
common-mode voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com