Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX922IDT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSX922IDT
Description  10 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX922IDT Datasheet(HTML) 5 Page - STMicroelectronics

  TSX922IDT Datasheet HTML 1Page - STMicroelectronics TSX922IDT Datasheet HTML 2Page - STMicroelectronics TSX922IDT Datasheet HTML 3Page - STMicroelectronics TSX922IDT Datasheet HTML 4Page - STMicroelectronics TSX922IDT Datasheet HTML 5Page - STMicroelectronics TSX922IDT Datasheet HTML 6Page - STMicroelectronics TSX922IDT Datasheet HTML 7Page - STMicroelectronics TSX922IDT Datasheet HTML 8Page - STMicroelectronics TSX922IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TSX920, TSX921, TSX922, TSX923
Electrical characteristics
DocID024310 Rev 4
5/32
3
Electrical characteristics
Table 4: Electrical characteristics at VCC+ = 4.5 V with VCC- = 0 V, Vicm = VCC/2,
Tamb = 25 °C, and RL = 10 kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vicm = 2 V (all order codes except
TSX922IYST and TSX922IYDT)
4
mV
Tmin < Top < Tmax
5
Vicm = 2 V (TSX922IYST,
TSX922IYDT order codes only)
5
Tmin < Top < Tmax
6.5
∆Vio/∆T
Input offset voltage drift
All order codes except TSX922IYST
and TSX922IYDT
2
10
μV/°C
TSX922IYST and TSX922IYDT
order codes only
2
15
∆Vio
Long-term input offset
voltage drift
(1)(2)
TSX920/TSX921
6
nV/√month
TSX922/TSX923
9
Iib
Input bias current
Vout = VCC/2
10
100
pA
Tmin < Top < Tmax
200
Iio
Input offset current
Vout = VCC/2
10
100
Tmin < Top < Tmax
200
RIN
Input resistance
1
TΩ
CIN
Input capacitance
8
pF
CMRR
Common mode rejection
ratio 20 log (ΔVic/ΔVio)
Vicm = -0.1 V to 2 V, VOUT = VCC/2
61
82
dB
Tmin < Top < Tmax
59
Vicm = -0.1 V to 4.6 V, VOUT = VCC/2
59
72
Tmin < Top < Tmax
57
Avd
Large signal voltage gain
RL= 2 kΩ, Vout = 0.3 V to 4.2 V
100
108
Tmin < Top < Tmax
90
RL= 10 kΩ, Vout = 0.2 V to 4.3 V
100
112
Tmin < Top < Tmax
90
VOH
High level output voltage
RL= 2 kΩ tο VCC/2
50
80
mV from
VCC+
Tmin < Top < Tmax
100
RL= 10 kΩ tο VCC/2
10
16
Tmin < Top < Tmax
20
VOL
Low level output voltage
RL= 2 kΩ tο VCC/2
42
80
mV
Tmin < Top < Tmax
100
RL= 10 kΩ tο VCC/2
9
16
Tmin < Top < Tmax
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com