Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX922IDT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSX922IDT
Description  10 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX922IDT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSX922IDT Datasheet HTML 17Page - STMicroelectronics TSX922IDT Datasheet HTML 18Page - STMicroelectronics TSX922IDT Datasheet HTML 19Page - STMicroelectronics TSX922IDT Datasheet HTML 20Page - STMicroelectronics TSX922IDT Datasheet HTML 21Page - STMicroelectronics TSX922IDT Datasheet HTML 22Page - STMicroelectronics TSX922IDT Datasheet HTML 23Page - STMicroelectronics TSX922IDT Datasheet HTML 24Page - STMicroelectronics TSX922IDT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TSX920, TSX921, TSX922, TSX923
Application information
DocID024310 Rev 4
21/32
5.7
High-side current sensing
TSX92x rail to rail input devices can be used to measure a small differential voltage on a
high side shunt resistor and translate it into a ground referenced output voltage. The gain is
fixed by external resistance.
Figure 41: High-side current sensing configuration
Vout can be expressed as follows:
Equation 8
Assuming that Rf2 = Rf1 = Rf and Rg2 = Rg1 = Rg, Equation 8 can be simplified as follows:
Equation 9
With the TSX92x operational amplifiers, the high side current measurement must be made
by respecting the common mode voltage of the amplifier: (VCC-) - 0.1 V to (VCC+) + 0.1 V. If
the application requires a higher common voltage please refer to the TSC high side current
sensing family.
V
ou t
R
shun t
I 1
R
g2
R
g2
R
f2
+
1
R
f1
R
g1
–
×
I
p
R
g2
R
f2
R
g2
R
f2
1
R
f1
R
g1
l
n
R
f1
V
io 1
R
f1
R
g1
+
–
–
+
=
+
+
×
×
+
×
V
out
R
shunt
I
R
f
R
g
×
V
io 1
R
f
R
g
–
R
f
I
io
×
+
=
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com