Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX922IDT Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSX922IDT
Description  10 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX922IDT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSX922IDT Datasheet HTML 24Page - STMicroelectronics TSX922IDT Datasheet HTML 25Page - STMicroelectronics TSX922IDT Datasheet HTML 26Page - STMicroelectronics TSX922IDT Datasheet HTML 27Page - STMicroelectronics TSX922IDT Datasheet HTML 28Page - STMicroelectronics TSX922IDT Datasheet HTML 29Page - STMicroelectronics TSX922IDT Datasheet HTML 30Page - STMicroelectronics TSX922IDT Datasheet HTML 31Page - STMicroelectronics TSX922IDT Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Ordering information
TSX920, TSX921, TSX922, TSX923
30/32
DocID024310 Rev 4
7
Ordering information
Table 13: Order codes
Order code
Temperature range
Package
Packing
Marking
TSX920ILT
-40 °C to 125 °C
SOT23-6
Tape and reel
K304
TSX921ILT
SΟΤ23-5
TSX921IYLT
(1)
K305
TSX922IDT
SO8
TSX922I
TSX922IYDT
(1)
SX922IY
TSX922IST
MiniSO8
K305
TSX922IQ2T
DFN8 2x2
K26
TSX922IYST
(1)
MiniSO8 (automotive grade)
K312
TSX922IYDT
(1)
SO8 (automotive grade)
SX922IY
TSX923IST
MiniSO10
K305
Notes:
(1)
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to
AEC Q001 & Q 002 or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com