Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX922IDT Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSX922IDT
Description  10 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX922IDT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSX922IDT Datasheet HTML 13Page - STMicroelectronics TSX922IDT Datasheet HTML 14Page - STMicroelectronics TSX922IDT Datasheet HTML 15Page - STMicroelectronics TSX922IDT Datasheet HTML 16Page - STMicroelectronics TSX922IDT Datasheet HTML 17Page - STMicroelectronics TSX922IDT Datasheet HTML 18Page - STMicroelectronics TSX922IDT Datasheet HTML 19Page - STMicroelectronics TSX922IDT Datasheet HTML 20Page - STMicroelectronics TSX922IDT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
TSX920, TSX921, TSX922, TSX923
Application information
DocID024310 Rev 4
17/32
5
Application information
5.1
Operating voltages
The TSX92x operational amplifiers can operate from 4 V to 16 V. The parameters are fully
specified at 4.5 V, 10 V, and 16 V power supplies. However, parameters are very stable in
the full VCC range. Additionally, main specifications are guaranteed in the extended
temperature range from -40 to 125 °C.
5.2
Rail-to-rail input
The TSX92x series is designed with two complementary PMOS and NMOS input
differential pairs. The device has a rail-to-rail input and the input common mode range is
extended from (VCC-) - 0.1 V to (VCC+) + 0.1 V. However, the performance of this device is
clearly optimized for the PMOS differential pairs (which means from (VCC-) - 0.1 V to
(VCC+) - 2 V).
Beyond (VCC+) - 2 V, the operational amplifier is still functional but with downgraded
performances (see Figure 19). Performances are still suitable for a large number of
applications requiring the rail-to-rail input feature.
The TSX92x operational amplifiers are designed to prevent phase reversal.
5.3
Input pin voltage range
The TSX92x operational amplifiers have internal ESD diode protections on the inputs.
These diodes are connected between the input and each supply rail to protect MOSFETs
inputs from electrostatic discharges.
Thus, if the input pin voltage exceeds the power supply by 0.5 V, the ESD diodes become
conductive and excessive current could flow through them. To prevent any permanent
damage, this current must be limited to 10 mA. This can be done by adding a resistor in
series with the input pin (Figure 38: "Limiting input current with a series resistor"). The
resistor value has to be calculated for a 10 mA current limitation on the input pins.
Figure 38: Limiting input current with a series resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com