Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512R3A2CV1T Datasheet(PDF) 15 Page - STMicroelectronics

Part # NAND512R3A2CV1T
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R3A2CV1T Datasheet(HTML) 15 Page - STMicroelectronics

Back Button NAND512R3A2CV1T Datasheet HTML 11Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 12Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 13Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 14Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 15Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 16Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 17Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 18Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
15/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
MEMORY ARRAY ORGANIZATION
The memory array is made up of NAND structures
where 16 cells are connected in series.
The memory array is organized in blocks where
each block contains 32 pages. The array is split
into two areas, the main area and the spare area.
The main area of the array is used to store data
whereas the spare area is typically used to store
Error correction Codes, software flags or Bad
Block identification.
In x8 devices the pages are split into a main area
with two half pages of 256 Bytes each and a spare
area of 16 Bytes. In the x16 devices the pages are
split into a 256 Word main area and an 8 Word
spare area. Refer to Figure 10., Memory Array Or-
ganization.
Bad Blocks
The NAND Flash 528 Byte/ 264 Word Page devic-
es may contain Bad Blocks, that is blocks that con-
tain one or more invalid bits whose reliability is not
guaranteed. Additional Bad Blocks may develop
during the lifetime of the device.
The Bad Block Information is written prior to ship-
ping (refer to Bad Block Management section for
more details).
Table 4. shows the minimum number of valid
blocks in each device. The values shown include
both the Bad Blocks that are present when the de-
vice is shipped and the Bad Blocks that could de-
velop later on.
These blocks need to be managed using Bad
Blocks Management, Block Replacement or Error
Correction Codes (refer to SOFTWARE ALGO-
RITHMS section).
Table 4. Valid Blocks
Figure 10. Memory Array Organization
Density of Device
Min
Max
1Gbit
8032
8192
512Mbits
4016
4096
256Mbits
2008
2048
128Mbits
1004
1024
AI07587
Block = 32 Pages
Page = 528 Bytes (512+16)
512 Bytes
512 Bytes
Spare
Area
2nd half Page
(256 bytes)
16
Bytes
Block
8 bits
16
Bytes
8 bits
Page
Page Buffer, 512 Bytes
1st half Page
(256 bytes)
Block = 32 Pages
Page = 264 Words (256+8)
256 Words
256 Words
Spare
Area
Main Area
8
Words
16 bits
8
Words
16 bits
Page Buffer, 264 Words
Block
Page
x8 DEVICES
x16 DEVICES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com