Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512R3A2CV1T Datasheet(PDF) 48 Page - STMicroelectronics

Part # NAND512R3A2CV1T
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R3A2CV1T Datasheet(HTML) 48 Page - STMicroelectronics

Back Button NAND512R3A2CV1T Datasheet HTML 44Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 45Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 46Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 47Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 48Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 49Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 50Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 51Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
48/57
Figure 38. USOP48 – lead Plastic Ultra Thin Small Outline,12 x 17mm, Package Outline
Note: Drawing not to scale.
Table 23. USOP48 – lead Plastic Ultra Thin Small Outline, 12 x 17mm, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
0.48
0.65
0.019
0.026
A1
0.00
0.10
0.000
0.004
A2
0.52
0.48
0.56
0.020
0.019
0.022
b
0.16
0.13
0.23
0.006
0.005
0.009
c
0.10
0.08
0.17
0.004
0.003
0.007
D1
12.00
11.90
12.10
0.472
0.469
0.476
ddd
0.06
0.002
E
17.00
16.80
17.20
0.669
0.661
0.677
E1
15.40
15.30
15.50
0.606
0.602
0.610
e0.50–
–
0.020
–
–
L
0.55
0.45
0.65
0.022
0.018
0.026
L1
0.25
–
–
0.010
–
–
q0
5
0
5
WSOP-A
b
e
DIE
c
A1
θ
E1
E
A
A2
1
24
48
25
D1
ddd
L1
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com