Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512R3A2CV1T Datasheet(PDF) 56 Page - STMicroelectronics

Part # NAND512R3A2CV1T
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R3A2CV1T Datasheet(HTML) 56 Page - STMicroelectronics

Back Button NAND512R3A2CV1T Datasheet HTML 49Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 50Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 51Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 52Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 53Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 54Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 55Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 56Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
56/57
REVISION HISTORY
Table 29. Document Revision History
Date
Version
Revision Details
06-Jun-2003
1.0
First Issue
07-Aug-2003
2.0
Design Phase
27-Oct-2003
3.0
Engineering Phase
03-Dec-2003
4.0
Document promoted from Target Specification to Preliminary Data status.
VCC changed to VDD and ICC to IDD.
Title of Table 2.. changed to “Product Description” and Page Program Typical Timing
for NANDXXXR3A devices corrected. Table 1., Product List, inserted on page 2.
13-Apr-2004
5.0
WSOP48 and VFBGA55 packages added, VFBGA63 (9 x 11 x 1mm) removed.
Figure 19., Cache Program Operation, modified and note 2 modified. Note removed
for tWLWH timing in Table 20., AC Characteristics for Command, Address, Data Input.
Meaning of tBLBH4 modified, partly replaced by tWHBH1 and tWHRL min for 3V devices
modified in Table 21., AC Characteristics for Operations.
References removed from RELATED DOCUMENTATION section and reference
made to ST Website instead.
Figure 6., Figure 7., Figure 29. and Figure 32. modified. Read Electronic Signature
paragraph clarified and Figure 28., Read Electronic Signature AC Waveform,
modified. Note 2 to Figure 30., Read C Operation, One Page AC Waveform, removed.
Note 3 to Table 7., Address Insertion, x16 Devices removed. Only 00h Pointer
operations are valid before a Cache Program operation. IDD4 removed from Table
18., DC Characteristics, 1.8V Devices. Note added to Figure 32., Block Erase AC
Waveform. Small text changes.
28-May-2004
6.0
TFBGA55 package added (mechanical data to be announced). 512Mb Dual Die
devices added. Figure 19., Cache Program Operation modified.
Package code changed for TFBGA63 8.5 x 15 x 1.2mm, 6x8 ball array, 0.8mm pitch
(1Gbit Dual Die devices) in Table 28., Ordering Information Scheme.
02-Jul-2004
7.0
Cache Program removed from document. TFBGA55 package specifications added
(Figure 40., TFBGA55 8 x 10mm - 6x8 active ball array - 0.80mm pitch, Package
Outline and Table 25., TFBGA55 8 x 10mm - 6x8 active ball array - 0.80mm pitch,
Package Mechanical Data).
Test conditions modified for VOL and VOH parameters in Table 19., DC Characteristics,
3V Devices.
01-Oct-2004
8.0
Third part number corrected in Table 1., Product List. 512 Mbit Dual Die information
added to Table 10., Copy Back Program Addresses. Block Erase last address cycle
modified. Definition of a Bad Block modified in Bad Block Management paragraph.
RoHS COMPLIANCE added to SUMMARY DESCRIPTION. Figure 3., Logic Block
Diagram modified.
Document promoted from Preliminary Data to Full Datasheet status.
03-Dec-2004
9.0
Automatic Page 0 Read at Power-Up option no longer available.
PC Demo board with simulation software removed from list of available development
tools. Chip Enable (E) paragraph clarified.
13-Dec-2004
10.0
Rref parameter added to Table 16., Operating and AC Measurement Conditions.
Description of the family clarified in the SUMMARY DESCRIPTION section.
25-Feb-2005
11.0
WSOP48 replaced with USOP48 package,
VFBGA63 (8.5 x 15 x 1mm) replaced with VFBGA63 (9 x 11 x 1mm) package,
TFBGA63 (8.5 x 15 x 1mm) replaced with TFBGA63 (9 x 11 x 1.2mm) package.
Changes to Table 21., Table 18. and Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com