Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512R3A2CV1T Datasheet(PDF) 51 Page - STMicroelectronics

Part # NAND512R3A2CV1T
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R3A2CV1T Datasheet(HTML) 51 Page - STMicroelectronics

Back Button NAND512R3A2CV1T Datasheet HTML 47Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 48Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 49Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 50Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 51Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 52Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 53Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 54Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
51/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
Figure 41. VFBGA63 9x11mm - 6x8 active ball array, 0.80mm pitch, Package Outline
Note: Drawing is not to scale.
Table 26. VFBGA63 9x11mm - 6x8 active ball array, 0.80mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.05
0.041
A1
0.25
0.010
A2
0.70
0.028
b
0.45
0.40
0.50
0.018
0.016
0.020
D
9.00
8.90
9.10
0.354
0.350
0.358
D1
4.00
0.157
D2
7.20
0.283
ddd
0.10
0.004
E
11.00
10.90
11.10
0.433
0.429
0.437
E1
5.60
0.220
E2
8.80
0.346
e0.80
–
–
0.031
–
–
FD
2.50
0.098
FD1
0.90
0.035
FE
2.70
0.106
FE1
1.10
0.043
SD
0.40
–
–
0.016
–
–
SE
0.40
–
–
0.016
–
–
E
D
e
D1
SD
FD
SE
b
A2
FE
A1
A
BGA-Z75
ddd
FD1
D2
E2
E1
e
FE1
BALL "A1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com