Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512R3A2CV1T Datasheet(PDF) 20 Page - STMicroelectronics

Part # NAND512R3A2CV1T
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R3A2CV1T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button NAND512R3A2CV1T Datasheet HTML 16Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 17Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 18Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 19Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 20Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 21Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 22Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 23Page - STMicroelectronics NAND512R3A2CV1T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
20/57
DEVICE OPERATIONS
Pointer Operations
As the NAND Flash memories contain two differ-
ent areas for x16 devices and three different areas
for x8 devices (see Figure 11.) the read command
codes (00h, 01h, 50h) are used to act as pointers
to the different areas of the memory array (they se-
lect the most significant column address).
The Read A and Read B commands act as point-
ers to the main memory area. Their use depends
on the bus width of the device.
■
In x16 devices the Read A command (00h)
sets the pointer to Area A (the whole of the
main area) that is Words 0 to 255.
■
In x8 devices the Read A command (00h) sets
the pointer to Area A (the first half of the main
area) that is Bytes 0 to 255, and the Read B
command (01h) sets the pointer to Area B (the
second half of the main area) that is Bytes 256
to 511.
In both the x8 and x16 devices the Read C com-
mand (50h), acts as a pointer to Area C (the spare
memory area) that is Bytes 512 to 527 or Words
256 to 263.
Once the Read A and Read C commands have
been issued the pointer remains in the respective
areas until another pointer code is issued. Howev-
er, the Read B command is effective for only one
operation, once an operation has been executed
in Area B the pointer returns automatically to Area
A.
The pointer operations can also be used before a
program operation, that is the appropriate code
(00h, 01h or 50h) can be issued before the pro-
gram command 80h is issued (see Figure 12.).
Figure 11. Pointer Operations
AI07592
Area A
(00h)
A
Area B
(01h)
Area C
(50h)
Bytes 0- 255
Bytes 256-511
Bytes 512
-527
C
B
Pointer
(00h,01h,50h)
Page Buffer
Area A
(00h)
A
Area C
(50h)
Words 0- 255
Words 256
-263
C
Pointer
(00h,50h)
Page Buffer
x8 Devices
x16 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com