Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710SEFT/V Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM9710SEFT/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFT/V Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM9710SEFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
13
DATA SETUP AND HOLD (50PF EXTERNAL LOAD)
BITCLK
SDATAOUT
SDATAIN
SYNC
t
SETUP
t
HOLD
t
SETUP
t
HOLD
Figure 8 Data Setup and Hold (50pF External Load)
Note:
Setup and hold time parameters for SDATAIN are with respect to AC’97 Controller.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Setup to falling edge of BITCLK
tSETUP
10
ns
Hold from falling edge of BITCLK
tHOLD
10
ns
SIGNAL RISE AND FALL TIMES
BITCLK
SYNC
SDATAIN
SDATAOUT
trise
CLK
tfall
CLK
trise
SYNC
tfall
SYNC
trise
DIN
tfall
DIN
trise
DOUT
tfall
DOUT
Figure 9 Signal Rise and Fall Times (50pF External Load)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
BITCLK rise time
triseCLK
2
6
ns
BITCLK fall time
tfallCLK
2
6
ns
SYNC rise time
triseSYNC
2
6
ns
SYNC fall time
tfallSYNC
2
6
ns
SDATAIN rise time
triseDIN
2
6
ns
SDATAIN fall time
tfallDIN
2
6
ns
SDATAOUT rise time
triseDOUT
2
6
ns
SDATAOUT fall time
tfallDOUT
2
6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com