Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710SEFT/V Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM9710SEFT/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFT/V Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM9710SEFT/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
3
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
XWM9710EFT/V
-25 to 85
oC
48-pin TQFP
MSL1
WM9710SEFT/V
-25 to 85
oC
48-pin TQFP
(lead free)
MSL1
XWM9710EFT/RV
-25 to 85
oC
48-pin TQFP
(tape and reel)
MSL1
WM9710SEFT/RV
-25 to 85
oC
48-pin TQFP
(lead free, tape and reel)
MSL1
DEVICE
TEMP. RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
XWM9710EFL/V
-25 to 85
oC
48-pin QFN
MSL3
WM9710SEFL/V
-25 to 85
oC
48-pin QFN
(lead free)
MSL3
XWM9710EFL/RV
-25 to 85
oC
48-pin QFN
(tape and reel)
MSL3
WM9710SEFL/RV
-25 to 85
oC
48-pin QFN
(lead free, tape and reel)
MSL3
Note:
Reel quantity = 2,200
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
Note:
The TQFP version is classified as MSL1 and does not require to be drybagged but will be supplied as such, labelled as MSL1.
CONDITION
MIN
MAX
Digital supply voltage
-0.3V
+7V
Analogue supply voltage
-0.3V
+7V
Voltage range digital inputs
DVSS -0.3V
DVDD +0.3V
Voltage range analogue inputs
AVDD -0.3V
AVDD +0.3V
Operating temperature range, TA
-25
oC
+85
oC
Storage temperature after soldering
-65
oC
+150
oC
Package body temperature (soldering 10 seconds)
+240
oC
Package body temperature (soldering 2 minutes)
+183
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com