Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710SEFT/V Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM9710SEFT/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFT/V Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM9710SEFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
23
WRITE BIT
FUNCTION
PR0
PCM in ADCs and input Mux Powerdown
PR1
PCM out DACs Powerdown
PR2
Analogue mixer Powerdown
(VREF still on)
PR3
Analogue mixer Powerdown (VREF off)
PR4
Digital interface (AC-link) Powerdown
(external clock off)
PR5
Internal clock disable
PR6
HP amp Powerdown
EAPD
External amplifier Powerdown
Table 12 Powerdown Control Register Function
PR0 = 1
PR1 = 1
PR2 = 1
PR4 = 1
PR0 = 0 AND
ADC = 1
DEFAULT
READY = 1
COLD RESET
WARM
RESET
PR2 = 0 AND
ANL = 1
PR1 = 0 AND
DAC = 1
ADCs OFF
PR0
DACs OFF
PR1
ANALOGUE
OFF PR2 OR
PR3
DIGITAL I/F
OFF PR4
SHUT OFF
CODA LINK
NORMAL
Figure 11 An Example of the WM9710 Powerdown/Powerup Flow
Figure 11 illustrates one example procedure to do a complete Powerdown of the WM9710. From
normal operation sequential writes to the Powerdown Register are performed to Powerdown the
WM9710 a piece at a time. After everything has been shut off (PR0 to PR3 set), a final write (of
PR4) can be executed to shut down the WM9710’s digital interface (AC-link).
The part will remain in sleep mode with all its registers holding their static values. To wake up the
WM9710, the AC’97 controller will send a pulse on the sync line issuing a warm reset. This will
restart the WM9710’s digital interface (resetting PR4 to 0). The WM9710 can also be woken up
with a cold reset. A cold reset will cause a loss of values of the registers, as a cold reset will set
them to their default states. When a section is powered back on, the Powerdown Control/Status
Register (index 26h) should be read to verify that the section is ready (i.e. stable) before
attempting any operation that requires it.
PR0 = 1
PR1 = 1
PR4 = 1
NORMAL
ADC’s OFF
PR0
DIGITAL I/F
OFF PR4
WARM RESET
PR0 = 0 AND
ADC = 1
PR1 = 0 AND
DAC = 1
SHUT OFF
CODA LINK
DACs OFF
PR1
Figure 12 The WM9710 Powerdown Flow with Analogue Still Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com