Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710SEFT/V Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM9710SEFT/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFT/V Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM9710SEFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
18
Figure 10 shows this function schematically. The output signal from the comparator is accessible
by reading bit HSCP in register 5Ch. Auto detect may be used by setting HSEN bit, or external
control by using the HSDT bit which is an over-ride that forces the headset tri-state and
microphone path switching function to occur.
This function would allow, for example, a stereo headphone to be used that had a microphone in
the connecting lead, and a switch. The switch changes the headphone into a mono headset with
microphone connected via the tip connection on the jack. If used in a product such as an MP3
capable phone it would allow the user to switch from headphone use to headset use by simply
switching a single switch in the headphone cable, so at the same time answering or initiating
telephone calls. It may also be possible to use the pull-up current to provide so called ‘phantom
power’ to dynamic microphones with appropriate choice of microphone.
DATA SLOT MAPPING
DAC data and SPDIF data sent to the device, ADC data sent from the device, can be optionally
mapped into alternative slots under control of slot mapping bits located as follows:
SLOT MAPPING DATA
TYPE
CONTROL
BITS
REGISTER LOCATION
DAC data
DSA[1,0]
28h
SPDIF data
SPSA[1,0]
2Ah
ADC data
ASS[1,0]
5Ch (non-AC’97 feature)
Table 4 Data Slot Mapping Control
Default values and functional behavior are further described in the Serial Interface Register Map
description. DAC slot mapping defaults are in Table 2.
AC-LINK DIGITAL SERIAL INTERFACE PROTOCOL
A digital interface has been provided to control the WM9710 and transfer data to and from it. This
serial interface is compatible with the Intel AC’97 specification.
The main control interface functions are:
•
Control of analogue gain and signal paths through the mixer
•
Bi-directional transfer of ADC and DAC words to and from AC’97 controller
•
Selection of power-down modes
The WM9710 incorporates a 5-pin digital serial interface that links it to the AC’97 controller. AC-
link is a bi-directional, fixed rate, serial PCM digital stream. It handles multiple input and output
audio streams, as well as control register accesses employing a time division multiplexed (TDM)
scheme. The AC-link architecture divides each audio frame into 12 outgoing and 12 incoming
data streams, each with 20-bit sample resolution. With a minimum required DAC and ADC
resolution of 16-bits, AC’97 may also be implemented with 18 or 20-bit DAC/ADC resolution,
given the headroom that the AC-link architecture provides. The WM9710 provides support for 18-
bit audio operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com