Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710SEFT/V Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9710SEFT/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFT/V Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9710SEFT/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
WM9710
AC’97 Audio CODEC and Mixer with
Integrated Headphone Driver
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Production Data, December 2003, Rev 4.0
Copyright
2003 Wolfson Microelectronics plc
DESCRIPTION
The WM9710 is a high-quality stereo audio codec with an
integrated headphone driver.
The device is compliant with the Intel AC’97 Rev 2.2
specification. It performs full-duplex 18-bit codec functions and
supports variable sample rates from 8kHz to 48kHz with high
signal to noise ratio. Analogue mixers are included to mix
external analogue signals into the playback or record path.
The WM9710 allows designers to easily integrate phone
functions with other audio functions such as MP3 playback and
voice recording. Mono inputs and outputs are provided to
connect to an external voice codec. The on-chip headphone
driver can distinguish between a stereo headphone and mono
headset, and route the signals accordingly.
Optional AC’97 features include 3D sound enhancement,
primary/secondary mode operation and S/PDIF or I
2S output.
The 5-pin bi-directional AC-Link interface transfers control data,
DAC and ADC words to and from the AC’97 controller. The
WM9710 is fully operable on 3V or 5V or mixed 3/5V supplies,
and is packaged in a leadless, chip scale QFN package with
7mm body size or 48-pin TQFP package.
FEATURES
•
AC’97 rev2.2 compliant, 18-bit stereo codec
•
Integrated headphone driver
•
Automatic headset detection and switching (for stereo
headphones / mono phone headsets)
•
Separately mixed mono output for phone TX path (also
includes headphone buffer for mono earpiece)
•
Multiple channel input mixer
•
Mono inputs for phone RX and PCBEEP signals
•
On-chip sample rate conversion, supports rates from 8kHz
to 48kHz. DAC and ADC rates are fully independent.
•
Optional S/PDIF or I
2S digital audio output
•
3V to 5V operation
•
Each circuit block can be separately powered on or off
•
Leadless 7mm
× 7mm × 0.9mm QFN or 48-pin TQFP
package
APPLICATIONS
•
Personal Digital Assistants and ‘Smartphones’
•
WinCE systems
BLOCK DIAGRAM
W
WM9710
DVDD1
DGND1
DAC
L
HPGND
DAC
R
DIGITAL
FILTERS
Σ∆
MODULATION
VARIABLE
RATE AUDIO
16 / 32Ohm
headphone
CLOCK
OSC
HPOUTL
HPOUTR
DACVOL
(Reg 18h)
HPVOL
(Reg 04h)
LINEINVOL (Reg 10h)
MICVOL (Reg 0Eh)
RECORD
GAIN
(Reg 1Ch)
RECORD
SELECT
(Reg 1Ah)
LINEOUTL
LINEOUTR
MASTER VOL
(Reg 02h)
CONTROL LOGIC
0/20
dB
MIC BOOST
(Reg 0Eh)
M
U
X
MIC2
MIC1
M
U
X
M
U
X
HPOUTL
headset autodetect
CDR
CDL
LINEINR
LINEINL
CDGND
MIC SELECT
(Reg 20h)
ADC
R
ADC
L
MIXVOL
(Reg 72h)
CX3D1 CX3D2
M
U
X
HPND
(Reg 5Ch)
MONO VOL
(Reg 06h)
MONO_OUT
(TX)
M
U
X
M
U
X
MIX
(Reg 20h)
PSEL
(Reg 5Ch)
3D
PHONE
(Reg 0Ah)
(Reg 0Ch)
MUX
ADCNDAC
(Reg 5Ch)
CDVOL (Reg 12h)
DVDD2
DGND2
24.576MHz
VREFOUT
VREF
AC'97
INTERFACE
POP
(Reg 20h)
PHIZ
(Reg 78h)


Similar Part No. - WM9710SEFT/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711L WOLFSON-WM9711L Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM9711LGEFL/RV WOLFSON-WM9711LGEFL/RV Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM9711LGEFL/V WOLFSON-WM9711LGEFL/V Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
More results

Similar Description - WM9710SEFT/V

ManufacturerPart #DatasheetDescription
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
AC97 AUDIO CODEC WITH SRC AND DIT
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
logo
List of Unclassifed Man...
AV2722 ETC-AV2722 Datasheet
273Kb / 29P
AUDIO CODEC WITH HEADPHONE DRIVER AND PROGRAMMABLE SAMPLE RATES
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com