Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710SEFL/V Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM9710SEFL/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFL/V Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM9710SEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
8
Test Characteristics:
AVDD = 3.3V, DVDD = 3.3V, 48kHz audio sampling, TA = 25
oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Mixer Inputs to Line-out (10k
Ω
Ω
Ω
Ω load)
Maximum input voltage
AGND
0.7
AVDD
Vrms
Maximum output voltage
on LINEOUT
0.7
Vrms
CD inputs
90
92
Signal to Noise Ratio
A-weighted (Note 2)
SNR
Other inputs
82
93
dB
CD and LINE inputs
-87
0.0044
-77
0.014
PHONE input
-82
0.008
-71
0.028
MIC1 input
-82
0.008
-71
0.028
MIC2 input
-90
0.003
-71
0.028
Total Harmonic Distortion +
Noise
-1dBfs input
THD+N
PCBEEP input
-78
0.013
-67
0.045
dB
%
Input impedance (CD inputs)
At any gain
15
k
Ω
At max gain
10
20
k
Ω
Input impedance (other mixer
inputs)
At 0db gain
50
100
k
Ω
At max gain
10
20
k
Ω
Input impedance MIC inputs
At 0db gain
55
100
k
Ω
Power Supply Rejection Ratio
PSRR
20 to 20kHz, without
supply decoupling
-40
dB
Headphone Buffer (pins HPOUTL, HPOUR and MONOOUT)
Maximum output voltage
0.7
Vrms
RL = 32
Ω
30
mW
Max Output Power (Note 1)
PO
RL = 16
Ω
40
mW
SNR (Note 2)
A-weighted
85
92
dB
1kHz, RL = 32
Ω @ PO =
10mW rms
-80
0.01
dB
%
1kHz, RL = 32
Ω@ PO =
20mW rms
-77
0.014
dB
%
1kHz, RL = 16
Ω @ PO =
10mW rms
-76dB
0.016
dB
%
Total Harmonic Distortion +
Noise
THD+N
1kHz, RL = 16
Ω@ PO =
20mW rms
-75dB
0.018
dB
%
Power Supply Rejection Ratio
PSRR
20 to 20kHz, without
supply decoupling
-40
dB
Clocks
Crystal clock
24.576
MHz
BITCLK frequency
12.288
MHz
SYNC frequency
48.0
KHz
Note:
1.
Harmonic distortion on the headphone output decreases with output power – see Figure 3.
2.
SNR is the ratio of 0dB signal amplitude to noise floor with no signal present (all 0s input code to DACs).
3.
ADC sampling capacitance allows the user to calculate the minimum external capacitance required for a stable ADC value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com