Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710SEFL/V Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM9710SEFL/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFL/V Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM9710SEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
17
PIN 45 CID0
ID
SELECTED
PRIMARY OR
SECONDARY
BITCLK
NC or pull-up
0
Primary
Output
Ground
1
Secondary
Input
Table 3 Codec ID Selection
HEADPHONE DRIVE AND HEADSET AUTODETECT
Headphone drive capability is provided on HPOUT (pins 39 and 41) and on MONOOUT (pin 37).
Headphones of impedance typically from 16
Ω upwards may be connected to these pins. AC
coupling with an appropriately sized capacitor is recommended for removal of the mid-rail DC
pedestal present on these outputs. AC’97 rev2.2 specification recommends 32
Ω headphones; if a
headphone is connected for use as a headset, where the stereo ear-pieces are driven in parallel,
then each capsule must be of minimum 32
Ω impedance.
In many applications it is desirable to be able to connect either a stereo headphone to the
headphone output pins, or a mono headset, comprising ear-piece(s) and a microphone. The
microphone signal is sent via the tip connected wire of the typical 3-wire jack. In this event it is
desirable to be able to auto-detect the connection of either the headphone or the headset (with
microphone). The main characteristic of the headset and microphone compared to the
headphone is that the microphone impedance is typically much higher than the headphone
capsule (assuming a typical moving coil headphone). Because of this it is possible to connect a
weak pull-up to the tip connection of the headphone jack.
When a headphone is connected the low impedance to ground of the headset pulls down the DC
level to near ground. If a headset with microphone is plugged in, the high impedance of the
microphone does not pull down the DC level on the tip connection, the DC on this pin now rising
to near positive supply. This change in DC level is detected, so allowing detection of change from
headphone to microphone, (or nothing plugged in of course). When this event is detected, the
headphone amplifier that drives the tip connection is turned off, and the signal on this pin is
routed instead to the MIC1 input as a microphone input.
This auto-detect comparator is enabled by setting bit HSCMP. The pull-up current is enabled by
setting bit MPUEN in register 5Ch and also toggles the interrupt signal on the HSDET pin. When
bit HSDT is set the mic1 input is connected to a comparator with a threshold set at mid-rail.
When the comparator output is low, then the headphone driver is enabled. When the comparator
output goes high (that is the pull-up current multiplied by the external impedance to ground on the
mic1 pin is greater than mid-rail), the headphone amplifier is turned off and the mic1 signal is
taken internally from the headphone output pin (39).
RIGHT
MIXER
HPOUTL
HPOUTR
L
R
LEFT
MIXER
HPGND
HEAD
PHONE
MIC
UP: MONO HEADSET WITH MIC
DOWN: STEREO HEADPHONE
HSEN
reg 5Ch
MIC1
MIC2
OFF
(hi-Z)
'1'
'0'
HSDT
reg 5Ch
INTERNAL
MIC
MIC AMP
'1'
'0'
MPUEN
reg 5Ch
5mA
VMID
HSCP
reg 5Ch
HSDET
HPVOL
reg 04h
MS
reg 20h
+
-
HSCMP
reg 5Ch
Figure 10 Headset Autodetect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com