Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710SEFL/V Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM9710SEFL/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFL/V Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM9710SEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
16
SPDIF OR I
2S DIGITAL AUDIO DATA OUTPUT
The WM9710 SPDIF output may be enabled in hardware by holding pin 44 (SPEN) high when
RESETB is taken high, or by writing to the SPDIF control bit in register 2Ah. If SPDIF pin 48 is
pulled high at start-up by a weak pull-up (e.g. 100k), then SPDIF capability bit in register 28h is
set to ‘0’, i.e. no SPDIF capability. This allows for stuffing options, so that when SPDIF external
components are not provided, the driver will see ‘no SPDIF capability’ and ‘grey out’ the relevant
boxes in the control panel.
Additionally the digital audio may be output in I
2S format using pin 44 (SPEN) as the data output,
and outputting a frame clock or LRCLK onto pin 43. The data is clocked onto pin 44 using the
regular BITCLK at 256fs, which would also then be used as the MCLK if the data is taken to an
external DAC. Operation in this mode is selected by setting bit I
2S in register 5Ch. A 64fs bitclk is
also available and can be output on SPDIF by setting bit I2S64 in register 74h. Note that I
2S
operation is only supported for 48kHz operation. Hardware selection of SPDIF operation by pulling
pin SPEN ‘hi’ is compatible with I
2S operation, provided a weak pull-up (circa 100k) was used to
hold SPEN high at start-up. The SPEN pin becomes I
2S data output pin when I2S is enabled, and
the weak pull-up on this pin is overdriven.
For both SPDIF and I
2S modes the data that is output may be sent from the WM9710 via the AC
link in the same slots as normal DAC data or may be sent in different slots. The output slots that
contain the SPDIF/I
2S data are selected by bits SPSA[1:0] in register 2Ah. WM9710 is compliant
with AC’97 rev2.2 specification with regard to slot mapping; therefore the default mode of
operation is to output SPDIF or I
2S data from the next data slots available after the audio data
slots currently in use. Alternatively if required, data may be mapped from any of the available
slots by selection using SPSA bits. The following table shows the default slot mapping for audio
DACs and SPDIF/I
2S data: (further details in the register description section later).
SPEN STATE AT
START-UP
CODEC ID (PIN 45 STRAPPING)
AUDIO DAC SLOT
DEFAULT
SPDIF OR I
2S
DATASLOT DEFAULT
‘lo’ (rev2.2 compliant)
‘hi’ = ID = 0 = primary
Slots 3 & 4 - front channels
Slots 7 & 8
‘lo’ (rev2.2 compliant)
‘lo’ = ID = 1 = secondary
Slots 7 & 8 – surround
Slots 6 & 9
‘hi’ (WM proprietary)
‘hi’ = ID = 0 = primary
Slots 3 & 4 - front channels
Slots 3 & 4
‘hi’ (WM proprietary)
‘lo’ = ID = 1 = secondary
Slots 7 & 8 – surround
Slots 3 & 4
Table 2 DAC and SPDIF Slot Mapping Defaults
However, an exception to the rev2.2 mapping table is made when SPDIF operation is enabled
using the SPEN hardware enable pin (being held high at start-up): in this case SPDIF data is
immediately output from the DAC primary slots 3 & 4. This allows for driver-less SPDIF operation,
where the SPDIF or I
2S output is simply the data contained in the main audio DAC channels.
Channel status and control bits output along with the SPDIF data are as set in the SPDIF control
register 3Ah. If required SPDIF data channel slot mapping may be then changed by setting
SPSA bits as required. See tables 18, 19 and 20 for further details.
A mode is provided where the output from the ADC is sent out as the SPDIF or I
2S data as
above, rather than the data sent to the DACs over the AC link. This mode is enabled by setting bit
ADCO in register 5Ch. ADC data continues to be sent via the AC link to the controller as normal.
WM9710 supports SPDIF and I
2S data only at the default 48kHz frame rate. Writing to SPSR bits
in register 3Ah any value other than the default 48kHz rate will result in a fail to write, with the
48kHz value being returned on subsequent reads of these values.
PRIMARY/SECONDARY ID SUPPORT
WM9710 supports operation as either a primary or a secondary codec. Configuration of the
device as either a primary or as a secondary, is selected by tying the CID0 pin 45 on the package.
Fundamentally, a device identified as a primary (ID = 0, CID0 = ‘hi’) produces BITCLK as an
output, whereas a secondary (any other ID) must be provided with BITCLK as an input. This has
the obvious implication that if the primary device on an AC link is disabled, the secondary devices
cannot function. The AC’97 Revision 2.2 specification defines that the CID0 pin has inverting
sense, and are provided with internal weak pull ups. Therefore, if no connections are made to the
CID0 pin, then the pin pull hi and an ID = 0 is selected, i.e. primary. External connect to ground
(with pull-down from 0 to 10k
Ω) will select codec ID = ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com