Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710SEFL/V Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM9710SEFL/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFL/V Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM9710SEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
29
RECOMMENDED EXTERNAL COMPONENTS
1
9
4
7
DVDD1
DVDD2
DGND1
DGND2
38
42
27
28
33
34
VREF
VREFOUT
CX3D1
CX3D2
AGND
AVDD
WM9710
DVDD
AVDD
STEREO OUTPUT
DGND
AGND
32
CAP2
AGND
AGND
AGND
35
LINEOUTL
36
LINEOUTR
37
MONOOUT
39
HPOUTL
41
HPOUTR
LINE LEVEL STEREO
46
HSDET
47
EAPD
XTLOUT
3
XTLIN
2
PCBEEP
12
PHONE
13
CDL
18
CDGND
19
CDR
20
MIC1
21
MIC2
22
LINEINL
23
LINEINR
24
CID0
45
AVSS
MASTER/
SLAVE
SELECT
MIXER
INPUTS
SDATAOUT
5
BITCLK
6
SDATAIN
8
SYNC
10
RESETB
11
AC-LINK
MONO OUTPUT
DGND
100nF
10uF
100nF
47nF
2.2uF
2.2uF
2.2uF
220uF
220uF
22pF
24.576MHz
XTAL
22pF
1uF
1uF
1uF
1uF
1uF
1uF
1uF
1uF
1uF
Notes:
1. All decoupling capacitors should
be as close to WM9710 as possible.
2. AGND and DGND should be
connected as close to WM9710
as possible.
+
+
+
+
+
+
+
44
SPEN/I2S
AVDD
14
15
16
17
HPGND
40
+
+
48
SPDIF
DVDD
PWRUP/LRC
43
25
26
29
30
DNC
DNC
31
DNC
DNC
DNC
DNC
DNC
DNC
DNC
Figure 13 External Components Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com