Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710SEFL/V Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM9710SEFL/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFL/V Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM9710SEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
14
DEVICE DESCRIPTION
INTRODUCTION
This specification describes the WM9710 audio codec, which is designed to be software and
hardware compatible with the Intel AC’97 rev2.2 component specification. The device is a
derivative of the basic AC’97 codec. Variable Rate Audio (VRA) is supported at rates defined in
the Intel rev2.1 or rev2.2 specification, and a SPDIF output port is provided which may optionally
be used to output the PCM DAC information to external processors.
WM9710 offers the following features:
Stereo Audio Codec with Intel specified VRA support of different audio sample rates
Optional SPDIF and I
2S audio outputs (SPDIF output may be hardware enabled so needing no
driver support)
Headphone drive capability and optional auto detection of headset or headphone plug in
It is highly recommended that the Intel AC’97 rev2.2 specification be studied in parallel with this
document: This specification can be downloaded from the Intel web site.
The WM9710 is fully operable on 3V or 5V or mixed 3/5V supplies, and is packaged in the
industry standard 48pin TQFP package with 7mm body size.
AC’97 FEATURES
WM9710 implements the base set of AC’97 rev2.2 features, plus several enhancements:
All rev2.2 specified variable audio sample rates supported
3-D stereo enhancement feature.
Headphone support on HPOUT outputs (pins 39,41)
Primary/secondary codec operation by pin programming of CID0 pin
SPDIF audio output with rev2.2 compliant control set.
NON - AC’97 FEATURES
In addition to the AC’97 features offered, WM9710 also supports:
Headphone drive capability on MONO output, with extra signal routing switch PSEL, allowing
PHONE input to be routed to MONO output
Extra switch HPND after the mixer allowing MIX without DAC signal to be output to headphone
outputs, and so allowing DAC with no MIX to be output to LINE outputs.
I
2S audio output capability, in addition to SPDIF output, allowing support of an extra external
audio DAC for multi-channel solutions. SPDIF output may be hardware enabled.
Option to route the stereo audio ADC output to the SPDIF and/or I
2S digital outputs
Auto-detect of headphones or headset plugged into the HPOUT headphone outputs, with internal
routing of microphone signal from the headphone pin to the MIC1 input.
MPM switch allowing mix of DAC + mixer output onto MONOUT and independent mix of DAC +
PHONE and/or PCBEEP onto LINEOUT or HPOUT.
Reset powerdown override – holding PWRUP/LRC (PIN 43) high in reset overrides the PR bits
forcing the WM9710 into a low power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com