Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56RB688 Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 67Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 68Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 69Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 70Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 71Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 72Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 73Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 74Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 164 page
background image
· SPI Interface Operation
The SPI interface is a full duplex synchronous serial data link. It is a four line interface with pin
names SDIn, SDOn, SCKn and SCSn where n stands for 0 and 1 respectively. Pins SDIn and SDOn
are the Serial Data Input and Serial Data Output lines, SCKn is the Serial Clock line and SCSn is the
Slave Select line. As the SPI interface pins are pin-shared with normal I/O pins and with the I2C
function pins, the SPI interface must first be enabled by selecting the SIMn enable configuration
options and setting the correct bits in the SIMnCTL0/SIMnCTL2 register. After the SIMn
configuration option has been configured it can also be additionally disabled or enabled using the
SIMnEN bit in the SIMnCTL0 register. Communication between devices connected to the SPI
interface is carried out in a slave/master mode with all data transfer initiations being implemented by
the master. The Master also controls the clock signal. As each SIM only contains a single SCS pin,
only one slave device can be utilized for each SIM.
The SPI function in this device offers the following features:
¨ Full duplex synchronous data transfer
¨ Both Master and Slave modes
¨ LSB first or MSB first data transmission modes
¨ Transmission complete flag
¨ Rising or falling active clock edge
¨ WCOLn and CSENn bit enabled or disable select
The status of the SPI interface pins is determined by a number of factors such as whether the device
is in the master or slave mode and upon the condition of certain control bits such as CSENn,
SIMnEN and SCSn. In the table I, Z represents an input floating condition. There are several
configuration options associated with the SPI interface. One of these is to enable the SIMn function
which selects the SIMn pins rather than normal I/O pins. Note that if the configuration option does
not select the SIMn function then the SIMnEN bit in the SIMnCTL0 register will have no effect.
Another two SIMn configuration options determine if the CSENn and WCOLn bits are to be used.
Configuration Option
Function
SIMn Function
SIMn interface or I/O pins
SPI CSENn bit
Enable/Disable
SPI WCOLn bit
Enable/Disable
SPI Interface Configuration Options
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
71
April 15, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com