Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56RB688 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 36Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 37Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 38Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 164 page
background image
Pull-high Resistors
Many product applications require pull-high resistors for their switch inputs usually requiring the use
of an external resistor. To eliminate the need for these external resistors, all I/O pins, when configured
as an input have the capability of being connected to an internal pull-high resistor. These pull-high
resistors are selected using registers PAPU, PBPU, PCPU, PDPU, PEPU and PFPU and are
implemented using weak PMOS transistors.
PAWU, PAPU, PA, PAC, PBPU, PB, PBC, PCPU, PC, PCC, PDPU, PD, PDC, PEPU, PE, PEC, PFPU,
PF and PFC Registers
Register
Name
POR
Bit
76543210
PAWU
00H
PAWU7
PAWU6
PAWU5
PAWU4
PAWU3
PAWU2
PAWU1
PAWU0
PA
FFH
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
PAC
FFH
PAC7
PAC6
PAC5
PAC4
PAC3
PAC2
PAC1
PAC0
PAPU
00H
PAPU7
PAPU6
PAPU5
PAPU4
PAPU3
PAPU2
PAPU1
PAPU0
PB
FFH
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
PBC
FFH
PBC7
PBC6
PBC5
PBC4
PBC3
PBC2
PBC1
PBC0
PBPU
00H
PBPU7
PBPU6
PBPU5
PBPU4
PBPU3
PBPU2
PBPU1
PBPU0
PC
FFH
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PCC
FFH
PCC7
PCC6
PCC5
PCC4
PCC3
PCC2
PCC1
PCC0
PCPU
00H
PCPU7
PCPU6
PCPU5
PCPU4
PCPU3
PCPU2
PCPU1
PCPU0
PD
FFH
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
PDC
FFH
PDC7
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
PDPU
00H
PDPU7
PDPU6
PDPU5
PDPU4
PDPU3
PDPU2
PDPU1
PDPU0
PE
FFH
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
PEC
FFH
PEC7
PEC6
PEC5
PEC4
PEC3
PEC2
PEC1
PEC0
PEPU
00H
PEPU7
PEPU6
PEPU5
PEPU4
PEPU3
PEPU2
PEPU1
PEPU0
PF
FFH
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
PFC
FFH
PFC7
PFC6
PFC5
PFC4
PFC3
PFC2
PFC1
PFC0
PFPU
00H
PFPU7
PFPU6
PFPU5
PFPU4
PFPU3
PFPU2
PFPU1
PFPU0
PAWUn: PA wake-up function enable
0: disable
1: enable
PAPUn/PBPUn/PCPUn/PDPUn/PEPUn/PFPUn: Pull-high function enable
0: disable
1: enable
PAn/PBn/PCn/PDn/PEn/PFn: I/O port data bit
PACn/PBCn/PCCn/PDCn/PECn/PFCn: I/O port type selection bit
0: output
1: input
Port A Wake-up
The HALT instruction forces the microcontroller into a Power Down condition which preserves
power, a feature that is important for battery and otuher low-power applications. Various methods exist
to wake-up the microcontroller, one of which is to change the logic condition on one of the Port A pins
from high to low. After a HALT instruction forces the microcontroller into entering a Power Down
condition, the processor will remain in a low-power state until the logic condition of the selected
wake-up pin on Port A changes from high to low. This function is especially suitable for applications
that can be woken up via external switches. Each pin on Port A can be selected individually to have this
wake-up feature using the PAWU register.
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
35
April 15, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com