Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56RB688 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 36Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 37Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 38Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 39Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 164 page
background image
Port A Open Drain Function
All I/O pins in the device have CMOS structures, however Port A pins PA0~PA3 can also be setup as
open drain structures. This is implemented using the ODE0~ ODE3 bits in the MISC1 register.
MISC1 Register
Bit
76543210
Name
ODE3
ODE2
ODE1
ODE0
WDTEN3
WDTEN2
WDTEN1
WDTEN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00001010
Bit 7
ODE3: PA3 Open Drain control
0: disable
1: enable
Bit 6
ODE2: PA2 Open Drain control
0: disable
1: enable
Bit 5
ODE1: PA1 Open Drain control
0: disable
1: enable
Bit 4
ODE0: PA0 Open Drain control
0: disable
1: enable
Bit 3~0
WDTEN3, WDTEN2, WDTEN1, WDTEN0: WDT function enable
Described in Watchdog Timer section.
I/O Port Control Registers
Each I/O port has its own control register known as PAC, PBC, etc., to control the input/output
configuration. With this control register, each CMOS output or input with or without pull-high resistor
structures can be reconfigured dynamically under software control. Each pin of the I/O ports is directly
mapped to a bit in its associated port control register. For the I/O pin to function as an input, the
corresponding bit of the control register must be written as a ²1². This will then allow the logic state of
the input pin to be directly read by instructions. When the corresponding bit of the control register is
written as a ²0², the I/O pin will be setup as a CMOS output. If the pin is currently setup as an output,
instructions can still be used to read the output register. However, it should be noted that the program
will in fact only read the status of the output data latch and not the actual logic status of the output pin.
Rev. 1.10
36
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com