Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56RB688 Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 78Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 79Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 80Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 81Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 84Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 86Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 164 page
background image
I
2C Bus Communication
Communication on the I
2C bus requires four separate steps, a START signal, a slave device address
transmission, a data transmission and finally a STOP signal. When a START signal is placed on the I
2C
bus, all devices on the bus will receive this signal and be notified of the imminent arrival of data on the
bus. The first seven bits of the data will be the slave address with the first bit being the MSB. If the
address of the microcontroller matches that of the transmitted address, the HAASn bit in the
SIMnCTL1 register will be set and an I
2C interrupt will be generated. After entering the interrupt
service routine, the microcontroller slave device must first check the condition of the HAASn bit to
determine whether the interrupt source originates from an address match or from the completion of an
8-bit data transfer. During a data transfer, note that after the 7-bit slave address has been transmitted,
the following bit, which is the 8th bit, is the read/write bit whose value will be placed in the SRWn bit.
This bit will be checked by the microcontroller to determine whether to go into transmit or receive
mode. Before any transfer of data to or from the I
2C bus, the microcontroller must initialise the bus.
The following are steps to achieve this:
Step 1
Write the slave address of the microcontroller to the I
2C bus address register SIMnAR.
Step 2
Set the SIMnEN bit in the SIMnCTL0 register to ²1² to enable the I
2C bus.
Step 3
Set the ESIMn bit of the interrupt control register to enable the I
2C bus interrupt.
Rev. 1.10
82
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
S t a r t
W r i t e S l a v e
A d d r e s s t o S I M n A R
S E T S n S I M [ 2 : 0 ] = 1 1 0
S E T S I M n E N
I 2 C B u s
I n t e r r u p t = ?
E n a b l e
D i s a b l e
S E T E S I M n
W a i t f o r I n t e r r u p t
G o t o M a i n P r o g r a m
C L R E S I M n
P o l l S I M F n t o d e c i d e
w h e n t o g o t o I 2 C B u s I S R
G o t o M a i n P r o g r a m
I
2C Bus Initialisation Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com