Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56RB688 Datasheet(PDF) 89 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 89 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 89Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 90Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 91Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 92Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 93Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 164 page
background image
Interrupts
Interrupts are an important part of any microcontroller system. When an external event or an internal
function such as a Timer/Event Counter or an A/D converter requires microcontroller attention, their
corresponding interrupt will enforce a temporary suspension of the main program allowing the
microcontroller to direct attention to their respective needs. The device contains several external
interrupt and internal interrupts functions. The external interrupts are controlled by the action of the
external INT0, INT1 and PINT pins, while the internal interrupts are controlled by the Timer/Event
Counter overflows, the Time Base interrupt, the RTC interrupt, the SIM (SPI/I
2C) interrupt, the A/D
converter interrupt, the USB interrupt and Smart Card interrupt.
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
89
April 15, 2013
A u t o m a t i c a l l y C l e a r e d b y I S R
A u t o m a t i c a l l y D i s a b l e d b y I S R
C a n b e E n a b l e d M a n u a l l y
P r i o r i t y
H i g h
I n t e r r u p t
P o l l i n g
E x t e r n a l I n t e r r u p t
R e q u e s t F l a g E I F 1
E E I 0
T i m e r / E v e n t C o u n t e r 0
I n t e r r u p t R e q u e s t F l a g T 0 F
E E I 1
E T 0 I
T i m e r / E v e n t C o u n t e r 1
I n t e r r u p t R e q u e s t F l a g T 1 F
E T 1 I
E x t e r n a l I n t e r r u p t
R e q u e s t F l a g E I F 0
E M I
L o w
T i m e B a s e
I n t e r r u p t R e q u e s t F l a g T B F
E A D I
R e a l T i m e C l o c k
I n t e r r u p t R e q u e s t F l a g R T F
E R T I
A / D C o n v e r t e r
I n t e r r u p t R e q u e s t F l a g A D F
E T B I
T i m e r / E v e n t C o u n t e r 2
I n t e r r u p t R e q u e s t F l a g T 2 F
E T 2 I
T i m e r / E v e n t C o u n t e r 3
I n t e r r u p t R e q u e s t F l a g T 3 F
E T 3 I
M a n u a l l y S e t o r C l e a r e d b y S o f t w a r e
E P I
E x t e r n a l P e r i p h e r a l
I n t e r r u p t R e q u e s t F l a g P E F
E S I M 0
M u l t i - f u n c t i o n 1
I n t e r r u p t R e q u e s t F l a g M F 1 F
E M F 1 I
S I M 0 ( S P I / I 2 C )
I n t e r r u p t R e q u e s t F l a g S I M 0 F
M u l t i - f u n c t i o n 0
I n t e r r u p t R e q u e s t F l a g M F 0 F
S I M 1 ( S P I / I 2 C )
I n t e r r u p t R e q u e s t F l a g S I M 1 F
E M F 0 I
E S I M 1
S m a r t C a r d I n t e r r u p t
R e q u e s t F l a g C R D F
C R D E
C I R E
S m a r t C a r d I n s e r t i o n / R e m o v a l
I n t e r r u p t R e q u e s t F l a g S C I R F
U S B I n t e r r u p t
R e q u e s t F l a g U S B F
U S B E
Interrupt Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com