Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56RB688 Datasheet(PDF) 101 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 101 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 97Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 98Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 99Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 100Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 101Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 102Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 103Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 104Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 105Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 164 page
background image
More information regarding external reset circuits is located in Application Note HA0075E on the
Holtek website.
· RES Pin Reset
This type of reset occurs when the microcontroller is already running and the RES pin is forcefully
pulled low by external hardware such as an external switch. In this case as in the case of other reset,
the Program Counter will reset to zero and program execution initiated from this point.
· Low Voltage Reset - LVR
The microcontroller contains a low voltage reset circuit in order to monitor the supply voltage of the
device, which is selected via a configuration option. If the supply voltage of the device drops to within a
range of 0.9V~V
LVR such as might occur when changing the battery, the LVR will automatically reset the
device internally. The LVR includes the following specifications: For a valid LVR signal, a low voltage,
i.e., a voltage in the range between 0.9V~V
LVR must exist for greater than the value tLVR specified in the
A.C. characteristics. If the low voltage state does not exceed 1ms, the LVR will ignore it and will not
perform a reset function. One of a range of specified voltage values for V
LVR can be selected using
configuration options. The V
LVR value will be selected as a pair in conjunction with a Low Voltage Detect
value.
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
101
April 15, 2013
R E S
S S T T i m e - o u t
C h i p R e s e t
0 . 9 V D D
0 . 4 V D D
t R S T D
RES Reset Timing Chart
R E S / P C 7
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
V D D
V S S
0 . 0 1 m F * *
V D D
1 N 4 1 4 8 *
3 0 0 W *
Note:
²*² It is recommended that this component is added for added ESD protection
²**² It is recommended that this component is added in environments where power line noise is significant
External RES Circuit
L V R
S S T T i m e - o u t
C h i p R e s e t
t R S T D
Low Voltage Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com