Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95AE Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT82K95AE
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95AE Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT82K95AE Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
HT82K95EE/HT82K95AE
Rev. 1.50
16
April 13, 2012
1. In the pulse width measurement mode, the
T0ON/T1ON will be cleared automatically after the mea-
surement cycle is completed. But in the other two
modes the T0ON/T1ON can only be reset by instruc-
tions. The overflow of the Timer/Event Counter 0/1 is
one of the wake-up sources. No matter what the opera-
tion mode is, writinga0to ET0I/ET1I can disable the
corresponding interrupt services.
In the case of Timer/Event Counter 0/1 OFF condition,
writing data to the Timer/Event Counter 0/1 preload regis-
ter will also reload that data to the Timer/Event Counter
0/1. But if the Timer/Event Counter 0/1 is turned on, data
written to it will only be kept in the Timer/Event Counter
0/1 preload register. The Timer/Event Counter 0/1 will still
operate until overflow occurs (a Timer/Event Counter 0/1
reloading will occur at the same time). When the
Timer/Event Counter 0/1 (reading TMR0/TMR1) is read,
the clock will be blocked to avoid errors. As clock blocking
may results in a counting error, this must be taken into
consideration by the programmer.
Input/Output Ports
There are 32 bidirectional input/output lines in the
microcontroller, labeled from PA to PD, which are
mapped to the data memory of [12H], [14H], [16H] and
[18H] respectively. All of these I/O ports can be used for
input and output operations. For input operation, these
ports are non-latching, that is, the inputs must be ready
at the T2 rising edge of instruction
²MOV A,[m]² (m=12H,
14H, 16H or 18H). For output operation, all the data is
latched and remains unchanged until the output latch is
rewritten.
Each I/O line has its own control register (PAC, PBC,
PCC, PDC) to control the input/output configuration.
With this control register, CMOS/NMOS/PMOS output
or Schmitt trigger input with or without pull-high resistor
structures can be reconfigured dynamically under soft-
ware control. To function as an input, the corresponding
latch of the control register must write a
²1². The input
source also depends on the control register. If the con-
trol register bit is
²1², the input will read the pad state. If
the control register bit is
²0², the contents of the latches
will move to the internal bus. The latter is possible in the
²read-modify-write² instruction. For output function,
CMOS/NMOS/PMOS configurations can be selected
(NMOS and PMOS are available for PA only). These
control registers are mapped to locations 13H, 15H, 17H
and 19H.
After a chip reset, these input/output lines remain at high
levels or floating state (depending on the pull-high op-
tions). Each bit of these input/output latches can be set
or cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H,
16H or 18H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of all the I/O ports have the capability of wak-
ing up the device.
There are pull-high (PA only) options available for I/O
lines. Once the pull-high option of an I/O line is selected,
the I/O line have pull-high resistor. Otherwise, the
pull-high resistor is absent. It should be noted that a
non-pull-high I/O line operating in input mode will cause
a floating state.
It is recommended that unused or not bonded out I/O
lines should be set as output pins by software instruction
to avoid consuming power under input floating state.
V D D
P A 0 ~ P A 6 , P A 7 / T M R
P B 0 ~ P B 7
P C 0 ~ P C 7
P D 0 ~ P D 7
M
U
X
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P H
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P L
W a k e - u p f o r a n y I / O P o r t
P A 7 / T M R
P A O u t p u t
C o n f i g u r a t i o n
W a k e - u p O p t i o n f o r a n y I / O P o r t
D
Q
C K
S
Q
D
Q
C K
S
Q
Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com