Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95AE Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT82K95AE
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95AE Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT82K95AE Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
HT82K95EE/HT82K95AE
Rev. 1.50
20
April 13, 2012
Suspend Wake-Up and Remote Wake-Up
If there is no signal on the USB bus for over 3ms, the
HT82K95EE/HT82K95AE will go into suspend mode.
The Suspend line (bit 0 of the USC) will be set to
²1² and
a USB interrupt is triggered to indicate that the
HT82K95EE/HT82K95AE should jump to the suspend
state to meet the 500
mA USB suspend current spec.
In order to meet the 500
mA suspend current, the firm-
ware should disable the USB clock by clearing the
USBCKEN (bit3 of the SCC) to
²0². The suspend cur-
rent is 400
mA.
User can further decrease the suspend current to 250
mA
by setting the SUSP2 (bit4 of the SCC). If in USB mode
set this bit LVR OPT must disable
When the resume signal is sent out by the host, the
HT82K95EE/HT82K95AE will wake up the MCU by
USB interrupt and the Resume line (bit 3 of the USC) is
set. In order to make the HT82K95EE/HT82K95AE
function properly, the firmware must set the USBCKEN
(bit 3 of the SCC) to
²1² and clear the SUSP2 (bit4 of the
SCC). Since the Resume signal will be cleared before
the Idle signal is sent out by the host, the Suspend line
(bit 0 of the USC) will be set to
²0². So when the MCU is
detecting the Suspend line (bit0 of USC), the Resume
line should be remembered and taken into consider-
ation.
After finishing the resume signal, the suspend line will
go inactive and a USB interrupt is triggered. The follow-
ing is the timing diagram.
The device with remote wake up function can wake up
the USB Host by sending a wake-up pulse through
RMWK (bit 1 of the USC). Once the USB Host receives
a wake-up signal from the HT82K95EE/HT82K95AE, it
will send a Resume signal to the device. The timing is as
follows:
To Configure the HT82K95EE/HT82K95AE as PS2
Device
The HT82K95EE/HT82K95AE can be configured as a
USB interface or PS2 interface device, by configuring
the SPS2 (bit 4 of USR) and SUSB (bit 5 of the USR). If
SPS2=1, and SUSB=0, the HT82K95EE/HT82K95AE is
configured as a PS2 interface, pin USBD- is configured
as a PS2 Data pin and USBD+ is configured as a PS2
Clk pin. User can easily read or write to the PS2 Data or
PS2 Clk pin by accessing the corresponding bit PS2DAI
(bit 4 of the USC), PS2CKI (bit 5 of the USC), PS2DAO
(bit 6 of the USC) and S2CKO (bit 7 of the USC) respec-
tively.
User should make sure that in order to read the data
properly, the corresponding output bit must be set to
²1².
For example, if it is desired to read the PS2 Data by
reading PS2DAI, the PS2DAO should set to
²1². Other-
wise it is always read as
²0².
If SPS2=0, and SUSB=1, the HT82K95EE/HT82K95AE
is configured as a USB interface. Both the USBD- and
USBD+ is driven by the SIE of the HT82K95E/
HT82K95A. User can only write or read the USB data
through the corresponding FIFO.
Both SPS2 and SUSB default is
²0².
USB Interface
There are ten registers, including PIPE_CTRL (41H in
bank 1), AWR (address + remote wake-up 42H in bank
1), STALL (43H in bank 1), PIPE (44H in bank 1), SIES
(45H in bank 1), MISC (46H in bank 1), Endpt_EN (47H
in bank 1), FIFO0 (48H in bank 1), FIFO1 (49H in bank
1), and FIFO2 (4AH in bank 1) used for the USB func-
tion. AWR register contains current address and a re-
mote wake up function control bit. The initial value of
AWR is
²00H². The address value extracted from the
USB command is not to be loaded into this register until
the SETUP stage is completed.
Bit No.
Label
R/W
Function
0
WKEN
W
Remote wake-up
enable/disable
7~1
AD6~AD0
W
USB device address
AWR (42H) Register
STALL and PIPE, PIPE_CTRL, Endpt_EN Registers
PIPE register represents whether the endpoint corre-
sponding is accessed by host or not. After ACT_EN sig-
nal being sent out, MCU can check which endpoint had
been accessed. This register is set only after the time
when host access the corresponding endpoint.
STALL register shows whether the endpoint corre-
sponding works or not. As soon as the endpoint work im-
properly, the bit corresponding must be set.
S U S P E N D
U S B R e s u m e S i g n a l
U S B _ I N T
S U S P E N D
U S B R e s u m e S i g n a l
U S B _ I N T
R M W K
M i n . 2 . 5 m s
M i n . 1 U S B C L K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com