Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95AE Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82K95AE
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95AE Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82K95AE Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
HT82K95EE/HT82K95AE
Rev. 1.50
21
April 13, 2012
PIPE_CTRL Register is used for configuring IN (Bit=1)
or OUT (Bit=0)Pipe. The default is define IN pipe. Where
Bit0 (DATA0) of the PIPE_CTRL Register is used to set-
ting the data toggle of any endpoint (except endpoint0)
using data toggles to the value DATA0. Once the user
want the any endpoint (except endpoint0) using data
toggles to the value DATA0. the user can output a LOW
pulse to this bit. The LOW pulse period must at least 10
instruction cycle.
Endpt_EN Register is used to enable or disable the cor-
responding endpoint (except endpoint 0) Enable End-
point (Bit=1) or disable Endpoint (Bit=0)
The bitmaps are list as follows:
Register
Name
R/W
Register
Address
Bit7~Bit3 Reserved
Bit 2
Bit 1
Bit 0
Default
Value
PIPE_CTRL
R/W
01000001B
¾
Pipe 2
Pipe 1
Pipe 0
00000110
STALL
R/W
01000011B
¾
Pipe 2
Pipe 1
Pipe 0
00000110
PIPE
R
01000100B
¾
Pipe 2
Pipe 1
Pipe 0
00000000
Endpt_EN
R/W
01000001B
¾
Pipe 2
Pipe 1
Pipe 0
00000111
PIPE_CTRL (41H), STALL (43H), PIPE (44H) and Endpt_EN (47H) Registers
The SIES Register is used to indicate the present signal state which the SIE receives and also defines whether the SIE
has to change the device address automatically.
Bit No.
Function
Read/Write
Register Address
7
MNI
R/W
01000001B
6~2
¾¾
1
F0_ERR
R/W
0
Adr_set
R/W
SIES (45H) Register Table
Func. Name
R/W
Description
Adr_ set
R/W
This bit is used to configure the SIE to automatically change the device address with
the value of the Address+Remote_WakeUp Register (42H).
When this bit is set to
²1² by F/W, the SIE will update the device address with the value
of the Address+Remote_WakeUp Register (42H) after the PC Host has successfully
read the data from the device by the IN operation. The SIE will clear the bit after updat-
ing the device address. Otherwise, when this bit is cleared to
²0², the SIE will update
the device address immediately after an address is written to the Address+Re-
mote_WakeUp Register (42H)
Default 0
F0_Err
R/W
This bit is used to indicate that some errors have occurred when accessing the FIFO0.
This bit is set by SIE and cleared by F/W.
Default 0
¾¾
Unused bit, read as
²0²
NMI
R/W
This bit is used to control whether the USB interrupt is output to the MCU in NAK re-
sponse to the PC Host IN or OUT token. Only for Endpoint0
1: has only USB interrupt, data is transmitted to the PC host or data is received from
the PC Host
0: always has USB interrupt if the USB accesses FIFO0
Default 0
SIES Function Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com