Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95AE Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT82K95AE
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95AE Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT82K95AE Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 42Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 43Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
SAW Type 20-pin (5mm
´5mm) QFN Outline Dimensions
· MO-220
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.028
¾
0.031
A1
0.000
¾
0.002
A3
¾
0.008
¾
b
0.010
¾
0.014
D
¾
0.197
¾
E
¾
0.197
¾
e
¾
0.026
¾
D2
0.118
¾
0.126
E2
0.118
¾
0.126
L
0.018
¾
0.026
K
0.008
¾¾
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
0.70
¾
0.80
A1
0.00
¾
0.05
A3
¾
0.20
¾
b
0.25
¾
0.35
D
¾
5.00
¾
E
¾
5.00
¾
e
¾
0.65
¾
D2
3.00
¾
3.20
E2
3.00
¾
3.20
L
0.45
¾
0.65
K
0.20
¾¾
HT82K95EE/HT82K95AE
Rev. 1.50
40
April 13, 2012
E
e
b
A 1
A 3
A
D 2
E 2
K
1
5
6
1 0
1 6
2 0
L
1 1
1 5
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com