Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95AE Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82K95AE
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95AE Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82K95AE Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Block Diagram
Pin Assignment
HT82K95EE/HT82K95AE
Rev. 1.50
2
April 13, 2012
O S C 2
O S C 1
R E S
V D D
M U X
T M R 0 C
T M R 0
V S S
P r o g r a m
R O M
P r o g r a m
C o u n t e r
I n t e r r u p t
C i r c u i t
S T A C K
I N T C
D A T A
M e m o r y
I n s t r u c t i o n
R e g i s t e r
M
U
X
I n s t r u c t i o n
D e c o d e r
S T A T U S
A L U
S h i f t e r
T i m i n g
G e n e r a t o r
A C C
M
U
X
M P
S Y S C L K / 4
W D T S
W D T
W D T O S C
W D T P r e s c a l e r
M
U
X
E N / D I S
P D C
P O R T D
P D 0 ~ P D 7
P B C
P O R T B
P B 0 / A N 0 ~ P B 5 / A N 5
P B 6 / V R L
P B 7 / V R H
P B
P A C
P O R T A
P A 0 ~ P A 5
P A 6 / T M R 0
P A 7 / T M R 1
P A
P D
P C
P O R T C
P C 0 ~ P C 7
P C C
T M R 1 C
T M R 1
M
U
X
P A 7 / T M R 1
f S Y S / 4
f S Y S / 4
P A 6 / T M R 0
U S B 1 . 1
P S 2
B P
U S B D + / C L K U S B D - / D A T A
V 3 3 O
P A 6
P A 7
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
H T 8 2 K 9 5 E E / H T 8 2 K 9 5 A E
2 8 S O P - A
P C 3
V D D
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
P B 0
P B 1
P B 2
P B 3
P B 4
P B 5
P B 6 / S C L
P B 7 / S D A
V S S
P C 2
P C 0
P A 0
P A 1
P A 2
P A 3
P C 4
P A 4
P A 5
P A 6 / T M R 0
P A 7 / T M R 1
O S C 1
O S C 2
R E S
6
7 8 9 1 0
1 6
1 7
1 8
1 9
2 0
1
2
3
4
5
1 5
1 4
1 3
1 2
1 1
P A 0
P C 0
P D 4
V D D
V 3 3 O
P A 7 / T M R 1
P A 6 / T M R 0
O S C 1
O S C 2
R E S
H T 8 2 K 9 5 E E
H T 8 2 K 9 5 A E
2 0 Q F N - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com