Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB97CFDC
Description  USB FLOPPY DISK CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB97CFDC Datasheet HTML 11Page - SMSC Corporation USB97CFDC Datasheet HTML 12Page - SMSC Corporation USB97CFDC Datasheet HTML 13Page - SMSC Corporation USB97CFDC Datasheet HTML 14Page - SMSC Corporation USB97CFDC Datasheet HTML 15Page - SMSC Corporation USB97CFDC Datasheet HTML 16Page - SMSC Corporation USB97CFDC Datasheet HTML 17Page - SMSC Corporation USB97CFDC Datasheet HTML 18Page - SMSC Corporation USB97CFDC Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SMSC DS – USB97CFDC
Page 15
Rev. 12/15/2000
USB PARAMETERS
The following tables and diagrams were obtained from the USB specification
USB DC PARAMETERS
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2 0.4
0.6
0.8 1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Common Mode Input Voltage (volts)
FIGURE 6 - DIFFERENTIAL INPUT SENSITIVITY OVER ENTIRE COMMON MODE RANGE
Table 6 - DC Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
(NOTE 1, 2)
MIN
TYP
MAX
UNIT
Supply Voltage
Powered (Host or Hub) Port
VBUS
4.4
5.25
V
Supply Current
Function
ICC
Note 4
100
mA
Un-configured Function (in)
ICCINIT
Note 5
100
uA
Suspend Device
ICCS
100
uA
Leakage Current
Hi-Z State Data Line
Leakage
ILO
0 V < VIN < 3.3
V
-10
10
uA
Input Levels
Differential Input Sensitivity
VDI
|(D+) - (D-)|,
and FIGURE 6
0.2
V
Differential Common Mode
Range
VCM
Includes VDI
range
0.8
2.5
V
Single Ended Receiver
Threshold
VSE
0.8
2.0
V
Output Levels
Static Output Low
VOL
RL of 1.5 K
Ω to
3.6 V
0.3 (3)
V
Static Output High
VOH
RL of 15 K
Ω to
GND
2.8
3.6 (3)
V
Capacitance
Transceiver Capacitance
CIN
Pin to GND
20
pF
Terminals
Bus Pull-up Resistor on
Root Port
RPU
(1.5 K
Ω +/- 5%)
1.425
1.575
k
Ω
Bus Pull-down Resistor on
Downstream Port
RPD
(15 K
Ω +/- 5%)
14.25
15.75
k
Ω
Note 1: All voltages are measured from the local ground potential, unless otherwise specified.
Note 2: All timing use a capacitive load (CL) to ground of 50pF, unless otherwise specified.
Note 3: This is relative to VUSBIN.
Note 4: This is dependent on block configuration set by software.
Note 5: When the internal ring oscillator and waiting for first setup packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com