Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB97CFDC
Description  USB FLOPPY DISK CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB97CFDC Datasheet HTML 12Page - SMSC Corporation USB97CFDC Datasheet HTML 13Page - SMSC Corporation USB97CFDC Datasheet HTML 14Page - SMSC Corporation USB97CFDC Datasheet HTML 15Page - SMSC Corporation USB97CFDC Datasheet HTML 16Page - SMSC Corporation USB97CFDC Datasheet HTML 17Page - SMSC Corporation USB97CFDC Datasheet HTML 18Page - SMSC Corporation USB97CFDC Datasheet HTML 19Page - SMSC Corporation USB97CFDC Datasheet HTML 20Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SMSC DS – USB97CFDC
Page 19
Rev. 12/15/2000
APPENDIX A:
USB97CFDC TYPICAL APPLICATION
G
USB97CFDC Typical Application
B
11
Wednesday, December 13, 2000
Title
Size
Document Number
Rev
Date:
Sheet
of
VCC
VCC
FVDD
VCC
FVDD
VDD
VCC
nDRVRDY
HDO
VDD
nFDPWR
VDD
HDO
nDRVRDY
VDD
VDD
nFDPWR
TP2
C12
.1uF
TP3
R5
15K
R4
1.5K
C8
1µf
RN1
1K x 5
R7
U2
28F256
12
11
10
9
8
7
6
5
27
26
23
25
4
28
29
22
24
31
1
13
14
15
17
18
19
20
21
2
3
30
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
CE
OE
WE
VPP
D0
D1
D2
D3
D4
D5
D6
D7
NC
NC
NC
C4
.1uF
C3
.1uF
C10
.1uF
VR1
3.3V Regulator
3
2
VIN
VOUT
C7
39pf
C9
15pf
JP1
USB97CFDC
U1
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
50
FA12
FA7
FA6
FA5
FA4
FA3
GND
FA2
FA1
FA0
VDD
FD0
FD1
FD2
FD3
FD4
FD5
FD6
FD7
nFCE
FA10
nFRD
GND
nFDPWR
nDSKCHG
DRVDEN1
N.C.
GND
N.C.
GND
VDD
N.C.
SD7
SD6
SD5
SD4
GND
SD3
SD2
SD1
SD0
VDD
N.C.
N.C.
N.C.
nMEMR
nMEMW
SA12
SA11
FA15
Q1
MOSFET P
RN2
10K x 8
P1
USB TYPE B
1
3
2
4
VCC
D+
D-
GND
+
C6
10uF
C13
.1uF
R3
10K
1/10W
5%
R6
180K
TP1
C11
.1uF
C14
.1uF
C1
.1uF
+
C5
10uF
C2
.1uF
Y1
14.318Mhz
R1 10ohm
R2 10ohm
FLOPPY
Note: IF DRIVE
DOES NOT
SUPPLY
nDRVRDY OR
HDO SIGNAL,
THEY
SHOULD BE
TIED LOW AT
U1
Note: If SD
pins not used,
tie to ground to
prevent pins
from floating
during
suspend
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com