Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB97CFDC
Description  USB FLOPPY DISK CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB97CFDC Datasheet HTML 12Page - SMSC Corporation USB97CFDC Datasheet HTML 13Page - SMSC Corporation USB97CFDC Datasheet HTML 14Page - SMSC Corporation USB97CFDC Datasheet HTML 15Page - SMSC Corporation USB97CFDC Datasheet HTML 16Page - SMSC Corporation USB97CFDC Datasheet HTML 17Page - SMSC Corporation USB97CFDC Datasheet HTML 18Page - SMSC Corporation USB97CFDC Datasheet HTML 19Page - SMSC Corporation USB97CFDC Datasheet HTML 20Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
SMSC DS – USB97CFDC
Page 20
Rev. 12/15/2000
SMSC PROVIDED SOFTWARE FOR USB97CFDC
SMSC provides the following for the USB97CFDC:
I.
Program firmware with the following features:
(a) Supports 640K, 720K, 1.44M, 1.2M Windows J, 1.2M NEC DOS 6.x formats.
(b) Supports USB Mass Storage Class compliant drivers from Apple and Microsoft as well as SMSC’s
Windows 98 driver.
(c)
Supports USB Mass Storage compliant bootable floppy BIOS.
(d) 4ms Seek times.
(e) USB 1.1 compliance, including low power device class SUSPEND mode operation and power control of
disk drive.
(f)
Disk drive feedback of readiness upon power re-application (optional).
(g) Option for using drive media density sense output (HDO#) pin to prevent attempts to format 2DD disks as
2HD.
II.
USB Mass Storage Class compliant driver for Windows 98.
USB97CFDC REVISIONS
PAGE(S)
SECTION/FIGURE/ENTRY
CORRECTION
DATE REVISED
19
USB97CFDC TYPICAL
APPLICATION
Updated schematic
12/15/00
19
USB97CFDC TYPICAL
APPLICATION
Updated schematic
11/01/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com