Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB97CFDC
Description  USB FLOPPY DISK CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB97CFDC Datasheet HTML 6Page - SMSC Corporation USB97CFDC Datasheet HTML 7Page - SMSC Corporation USB97CFDC Datasheet HTML 8Page - SMSC Corporation USB97CFDC Datasheet HTML 9Page - SMSC Corporation USB97CFDC Datasheet HTML 10Page - SMSC Corporation USB97CFDC Datasheet HTML 11Page - SMSC Corporation USB97CFDC Datasheet HTML 12Page - SMSC Corporation USB97CFDC Datasheet HTML 13Page - SMSC Corporation USB97CFDC Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SMSC DS – USB97CFDC
Page 10
Rev. 12/15/2000
BUFFER TYPE DESCRIPTIONS
Table 1 - USB97CFDC Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input
IS
Input with Schmitt trigger
O8
Output with 8mA drive
I/O8
Input/output with 8mA drive
OD12
Open drain….12mA sink
O24
Output with 24mA drive
OD24
Open drain….24mA sink
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I/O-U
See Table 6.
BOARD TEST MODE OPERATION
By driving the nTESTEN pin low, the device will be placed into a special test mode to allow verification of attachment
of the device to the circuit board. Every pin except the TSTOUT, XTAL2, and the power and ground pins become an
input to an XNOR chain, as shown below, to allow continuity to be tested on the board. This test should individually
toggle the state of the trace connected to the pin being examined for continuity, and the TSTOUT pin monitored for
toggle of state. If no toggle occurs, either the pin under test is discontinuous, or the TSTOUT pin is not connected on
the board
Pin1
Pin2
Pin3
Pin100
TSTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com