Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB97CFDC
Description  USB FLOPPY DISK CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB97CFDC Datasheet HTML 4Page - SMSC Corporation USB97CFDC Datasheet HTML 5Page - SMSC Corporation USB97CFDC Datasheet HTML 6Page - SMSC Corporation USB97CFDC Datasheet HTML 7Page - SMSC Corporation USB97CFDC Datasheet HTML 8Page - SMSC Corporation USB97CFDC Datasheet HTML 9Page - SMSC Corporation USB97CFDC Datasheet HTML 10Page - SMSC Corporation USB97CFDC Datasheet HTML 11Page - SMSC Corporation USB97CFDC Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SMSC DS – USB97CFDC
Page 8
Rev. 12/15/2000
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
63
DRVDEN 0
DRVDEN 0
OD12
An active low on this pin indicates a disk drive
spindle speed change from 300 RPM to 360 RPM
or 1.2M format disks in three mode drives. This
pin should be tied to the disk drives spindle speed
control input pin.
77
DRVDEN 1
DRVDEN1
OD12
Reserved for future use.
70
Write Gate
nWGATE
OD12
This active low high current driver allows current to
flow through the write head. It becomes active just
prior to writing to the diskette.
73
Track 0
nTRK0
IS
This active low Schmitt Trigger input senses from
the disk drive that the head is positioned over the
outermost track.
72
Index
nINDEX
IS
This active low Schmitt Trigger input senses from
the disk drive that the head is positioned over the
beginning of a track, as marked by an index hole.
74
Write Protect nWRTPRT
IS
This active low Schmitt Trigger input senses from
the disk drive that a disk is write protected. Any
write command is ignored.
64
Motor On 0
nMTR0
OD12
This active low open drain output selects motor
drive 0.
65
Drive Select 0 nDS0
OD12
This active low open drain output selects drive 0.
USB INTERFACE
59
61
USB Bus
Data
USB-
USB+
IO-U
These pins connect to the USB data signals
through 33 ohm series resistors. The USB+ line
should be pulled up with a 5%, 1.5K ohm resistor
to indicate that this is a high speed USB device.
58
USB
Transceiver
Supply
AVDD
This is the 3.3V supply to the internal USB
transceiver.
62
USB
Transceiver
Ground
AGND
This is the supply ground for the internal USB
transceiver.
FLASH INTERFACE
31-38
Flash Memory
Data Bus
FD[7:0]
IO8
These signals are used to transfer data between
the internal 8051 and the external FLASH program
memory.
50, 53, 54,
49, 57, 29,
56, 55, 48-
44, 42-40,
Flash Memory
Address Bus
FA[15:0]
O8
These signals address memory locations within
the FLASH memory.
28
Flash Memory
Read Strobe
nFRD
O8
Flash ROM Read; active low
30
Flash Memory
Chip Select
nFCE
O8
Flash ROM Chip Select; active low
SRAM/IO INTERFACE
1-7,
9-13,
99,100
SRAM
Memory Bus
SA[13:0]
O8
These signals provide the memory address to an
external SRAM buffer.
84-87,
89-92
SRAM
Memory Data
Bus
SD[7:0]
I/O8
These signals are used to transfer data to/from the
SRAM Memory.
97
SRAM
Memory Read
Strobe
nMEMR
O8
Memory read; active low
This active low signal indicates that data is to be
driven onto the data bus by the SRAM. Data will
be latched internal to the chip on the rising edge of
this signal
98
SRAM
Memory Write
Strobe
nMEMW
O8
Memory write; active low
This active low signal indicates to the SRAM to
load data from the data bus on its rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com