Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4025LTP. Datasheet(PDF) 2 Page - Littelfuse

Part # S4025LTP.
Description  RoHS compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4025LTP. Datasheet(HTML) 2 Page - Littelfuse

  S4025LTP. Datasheet HTML 1Page - Littelfuse S4025LTP. Datasheet HTML 2Page - Littelfuse S4025LTP. Datasheet HTML 3Page - Littelfuse S4025LTP. Datasheet HTML 4Page - Littelfuse S4025LTP. Datasheet HTML 5Page - Littelfuse S4025LTP. Datasheet HTML 6Page - Littelfuse S4025LTP. Datasheet HTML 7Page - Littelfuse S4025LTP. Datasheet HTML 8Page - Littelfuse S4025LTP. Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/14/16
Teccor® brand Thyristors
20 / 25 Amp Standard SCRs
Absolute Maximum Ratings — 25A SCR
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
Sxx25L: T
C=75°C
25
A
Sxx25R/Sxx25N: T
C=100°C
I
T(AV)
Average on-state current
Sxx25L
T
C = 75°C
16
A
Sxx25R/Sxx25N
T
C = 100°C
I
TSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
300
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
350
I2t
I2t Value for fusing
t
p = 8.3 ms
510
A2s
di/dt
Critical rate of rise of on-state current
f = 60Hz ; T
J = 125°C
150
A/μs
I
GM
Peak gate current
T
J = 125°C
3.5
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.8
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Value
Unit
Sxx20L
Sxx25x
I
GT
V
D = 12V RL = 30 Ω
MAX.
30
35
mA
MIN.
1
1
V
GT
V
D = 12V RL = 30 Ω
MAX.
1.5
V
dv/dt
V
D = VDRM; gate open; TJ = 100°C
400V
MIN.
450
V/μs
600V
425
800V
400
1000V
200
V
D = VDRM; gate open; TJ = 125°C
400V
350
600V
325
800V
300
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
MIN.
0.2
V
I
H
I
T = 400mA (initial)
MAX.
40
50
mA
t
q
(1)
MAX.
35
μs
t
gt
I
G = 2 x IGT PW = 15µs IT = 40A
TYP.
2
μs
Note: xx = voltage, x = package
(1) I
T=2A; tp=50μs; dv/dt=5V/μs; di/dt=-30A/μs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com