Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4025LTP. Datasheet(PDF) 4 Page - Littelfuse

Part # S4025LTP.
Description  RoHS compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4025LTP. Datasheet(HTML) 4 Page - Littelfuse

  S4025LTP. Datasheet HTML 1Page - Littelfuse S4025LTP. Datasheet HTML 2Page - Littelfuse S4025LTP. Datasheet HTML 3Page - Littelfuse S4025LTP. Datasheet HTML 4Page - Littelfuse S4025LTP. Datasheet HTML 5Page - Littelfuse S4025LTP. Datasheet HTML 6Page - Littelfuse S4025LTP. Datasheet HTML 7Page - Littelfuse S4025LTP. Datasheet HTML 8Page - Littelfuse S4025LTP. Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/14/16
Teccor® brand Thyristors
20 / 25 Amp Standard SCRs
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Figure 4: On-State Current vs. On-State
Voltage (Typical)
125
0.0
0.5
1.0
1.5
2.0
-40
-1510356085110
Junction Temperature (T
J) – (ºC)
T
J = 25°C
0
10
20
30
40
50
60
70
80
90
0.70.8
0.91.0
1.11.2
1.31.4
1.51.6
Sxx25L
Sxx25R
Sxx25N
Sxx20L
Instantaneous On-state Voltage (v
T) – Volts
Figure 5: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. RMS On-State Current
0
2
4
6
8
10
12
14
16
18
20
22
05
10
15
20
25
Sxx25L
Sxx25R
Sxx25N
Sxx20L
RMS On-State Current [I
T(RMS)] - (Amps)
70
75
80
85
90
95
100
105
110
115
120
125
130
05
10
15
20
25
30
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
Sxx25R
Sxx25N
Sxx20L
Sxx25L
RMS On-State Current [I
T(RMS)] - Amps
Figure 7: Maximum Allowable Case Temperature
vs. Average On-State Current
Figure 8: Maximum Allowable Ambient Temperature
vs. RMS On-State Current
70
75
80
85
90
95
100
105
110
115
120
125
130
02
46
81012141618
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
Sxx20L
Sxx25L
Sxx25R
Sxx25N
Average On-State Current [I
T(AVE)] - Amps
0
20
40
60
80
100
120
0.0
0.5
1.01.5
2.0
2.5
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
FREE AIR RATING
Sxx20L
Sxx25L
Sxx25N
Sxx25R
RMS On-State Current [I
T(RMS)] - Amps



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com