Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4025LTP. Datasheet(PDF) 5 Page - Littelfuse

Part # S4025LTP.
Description  RoHS compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4025LTP. Datasheet(HTML) 5 Page - Littelfuse

  S4025LTP. Datasheet HTML 1Page - Littelfuse S4025LTP. Datasheet HTML 2Page - Littelfuse S4025LTP. Datasheet HTML 3Page - Littelfuse S4025LTP. Datasheet HTML 4Page - Littelfuse S4025LTP. Datasheet HTML 5Page - Littelfuse S4025LTP. Datasheet HTML 6Page - Littelfuse S4025LTP. Datasheet HTML 7Page - Littelfuse S4025LTP. Datasheet HTML 8Page - Littelfuse S4025LTP. Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/14/16
Teccor® brand Thyristors
20 / 25 Amp Standard SCRs
Figure 9: Maximum Allowable Ambient Temperature vs. Average On-State Current
0
20
40
60
80
100
120
0.0
0.5
1.01.5
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
FREE AIR RATING
Sxx25L
Sxx25N
Sxx25R
Sxx20L
Average On-State Current [I
T(AVE)] - Amps
Note: xx = voltage
Figure 10: Peak Capacitor Discharge Current
Figure 11: Peak Capacitor Discharge Current Derating
1000
10
100
0.5
1.010.0
50.0
Sxx20L
Sxx25L
Sxx25R
Sxx25N
Pulse Current Duration (t
W) - ms
I
TRM
t
W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0255075100
125150
Case Temperature (T
C) - ºC
10
100
1000
110100
1000
Sxx25L
Sxx25R
Sxx25N
Sxx20L
Surge Current Duration -- Full Cycles
Figure 12: Surge Peak On-State Current vs. Number of Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS On-State Current: [I
T(RMS)]: Maximum Rated Value
at Specified Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com