Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4025LTP. Datasheet(PDF) 1 Page - Littelfuse

Part # S4025LTP.
Description  RoHS compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4025LTP. Datasheet(HTML) 1 Page - Littelfuse

  S4025LTP. Datasheet HTML 1Page - Littelfuse S4025LTP. Datasheet HTML 2Page - Littelfuse S4025LTP. Datasheet HTML 3Page - Littelfuse S4025LTP. Datasheet HTML 4Page - Littelfuse S4025LTP. Datasheet HTML 5Page - Littelfuse S4025LTP. Datasheet HTML 6Page - Littelfuse S4025LTP. Datasheet HTML 7Page - Littelfuse S4025LTP. Datasheet HTML 8Page - Littelfuse S4025LTP. Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/14/16
Teccor® brand Thyristors
20 / 25 Amp Standard SCRs
Sxx20x & Sxx25x Series
Description
Excellent unidirectional switches for phase control
applications such as heating and motor speed controls.
Standard phase control SCRs are triggered with few
milliamperes of current at less than 1.5V potential.
Features & Benefits
• RoHS compliant
• Glass – passivated
junctions
• Voltage capability up
to 1000 V
• Surge capability up to
350 A
Schematic Symbol
Main Features
Symbol
Value
Unit
I
T(RMS)
20 & 25
A
V
DRM/VRRM
400 to 1000
V
I
GT
30 to 35
mA
Absolute Maximum Ratings — 20A SCR
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
T
C = 80°C
20
A
I
T(AV)
Average on-state current
Sxx20x & Sxx20L
T
C = 80°C
12.8
A
I
TSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
255
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
300
I2t
I2t Value for fusing
t
p = 8.3 ms
374
A2s
di/dt
Critical rate of rise of on-state current
f = 60Hz ; T
J = 125°C
125
A/μs
I
GM
Peak gate current
T
J = 125°C
3
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.6
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Applications
Typical applications are AC solid-state switches, industrial
power tools, exercise equipment, white goods and
commercial appliances.
Internally constructed isolated packages are offered for
ease of heat sinking with highest isolation voltage.
AK
G
Agency Approval
Agency
Agency File Number
L Package: E71639
RoHS
Additional Information
Datasheet
Samples
Resources


Similar Part No. - S4025LTP.

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
S4025LTP ISC-S4025LTP Datasheet
328Kb / 3P
isc Thyristors
More results

Similar Description - S4025LTP.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com