Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4025LTP. Datasheet(PDF) 3 Page - Littelfuse

Part # S4025LTP.
Description  RoHS compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4025LTP. Datasheet(HTML) 3 Page - Littelfuse

  S4025LTP. Datasheet HTML 1Page - Littelfuse S4025LTP. Datasheet HTML 2Page - Littelfuse S4025LTP. Datasheet HTML 3Page - Littelfuse S4025LTP. Datasheet HTML 4Page - Littelfuse S4025LTP. Datasheet HTML 5Page - Littelfuse S4025LTP. Datasheet HTML 6Page - Littelfuse S4025LTP. Datasheet HTML 7Page - Littelfuse S4025LTP. Datasheet HTML 8Page - Littelfuse S4025LTP. Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/14/16
Teccor® brand Thyristors
20 / 25 Amp Standard SCRs
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
20A Device I
T = 40A; tp = 380μs
MAX.
1.6
V
25A Device I
T = 50A; tp = 380μs
I
DRM / IRRM
V
DRM / VRRM
T
J = 25°C
400 – 600V
MAX.
10
μA
800 – 1000V
20
T
J = 100°C
400 – 600V
500
800V
1000
1000V
3000
T
J = 125°C
400 – 600V
1000
800V
2000
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
Sxx25R /
Sxx25N
1.0
°C/W
Sxx20L/
Sxx25L
2.4
R
θ(J-A)
Junction to ambient
Sxx25R
40
°C/W
Sxx20L
/ Sxx25L
50
Note: xx = voltage
Figure 1: Normalized DC Gate Trigger Current
vs. Junction Temperature
Figure 2: Normalized DC Gate Trigger Voltage
vs. Junction Temperature
125
0.0
0.5
1.0
1.5
2.0
-40
-1510356085110
Junction Temperature (T
J) – (ºC)
125
0.0
0.5
1.0
1.5
2.0
-40
-1510356085110
Junction Temperature (T
J) – (ºC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com