Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA02 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # LA02
Description  2.4GHz Embedded Loop Chip Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LA02 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  LA02 Datasheet HTML 1Page - Taoglas antenna solutions LA02 Datasheet HTML 2Page - Taoglas antenna solutions LA02 Datasheet HTML 3Page - Taoglas antenna solutions LA02 Datasheet HTML 4Page - Taoglas antenna solutions LA02 Datasheet HTML 5Page - Taoglas antenna solutions LA02 Datasheet HTML 6Page - Taoglas antenna solutions LA02 Datasheet HTML 7Page - Taoglas antenna solutions LA02 Datasheet HTML 8Page - Taoglas antenna solutions LA02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SPE-15-8-040/B/WY
Page 4 of 20
2. Specifications
The LA.02 is designed to mount at the center of the edge of an evaluation board that is 80 x
40mm.The antenna performance was measured with the LA.02 mounted on the evaluation
board with SMA(F) connector.
No
Parameter
Specification*
1
Center Frequency
2400-2500MHz
2
Dimensions
8*2*2mm
3
VSWR
2 max (Center Frequency)
4
Polarization
Linear
5
Bandwidth
100MHz min.
6
Gain
Peak 1dBi typ.
7
Efficiency
66% (Center Frequency)
8
Impedance
50 
Mechanical
9
Dimensions
8*2*2mm
10
Material
Ceramic
11
Weight
0.11 g
Environmental
12
Operating Temperature
-40°C+85°C
13
Storage Temperature
-40°C+105°C
14
Temperature Coefficient(τf)
0  20 ppm @-20ºC to +80ºC
15
Recommended Reel Storage
Condition
5°C to 40°C
Relative Humidity 20% to 70%
* The data was measured in a CTIA Authorized Test Lab.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com