Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA02 Datasheet(PDF) 20 Page - Taoglas antenna solutions

Part # LA02
Description  2.4GHz Embedded Loop Chip Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LA02 Datasheet(HTML) 20 Page - Taoglas antenna solutions

Back Button LA02 Datasheet HTML 12Page - Taoglas antenna solutions LA02 Datasheet HTML 13Page - Taoglas antenna solutions LA02 Datasheet HTML 14Page - Taoglas antenna solutions LA02 Datasheet HTML 15Page - Taoglas antenna solutions LA02 Datasheet HTML 16Page - Taoglas antenna solutions LA02 Datasheet HTML 17Page - Taoglas antenna solutions LA02 Datasheet HTML 18Page - Taoglas antenna solutions LA02 Datasheet HTML 19Page - Taoglas antenna solutions LA02 Datasheet HTML 20Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
SPE-15-8-040/B/WY
Page 20 of 20
8. Recommended Reflow Temp Profile
Phase
Profile features
Pb-Free Assembly
(SnAgCu)
PREHEAT
-Temperature Min(Tsmin)
-Temperature Max(Tsmax)
-Time(ts) form (Tsmin to
Tsmax)
150℃
200℃
60-120 seconds
RAMP-UP
Avg. Ramp-up Rate (Tsmax
to TP)
3℃/second(max)
REFLOW
-Temperature(TL)
-Total Time above TL (t L)
217℃
30-100 seconds
PEAK
-Temperature(TP)
-Time(tp)
260℃
5-10 second
RAMP-DOWN Rate
6℃ / second max.
Time from 25℃ to Peak Temperature
8 minutes max.
Composition of solder paste
96.5Sn/3Ag/0.5Cu
Solder Paste Model
SHENMAO PF606-P26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com