Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA02 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # LA02
Description  2.4GHz Embedded Loop Chip Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LA02 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  LA02 Datasheet HTML 1Page - Taoglas antenna solutions LA02 Datasheet HTML 2Page - Taoglas antenna solutions LA02 Datasheet HTML 3Page - Taoglas antenna solutions LA02 Datasheet HTML 4Page - Taoglas antenna solutions LA02 Datasheet HTML 5Page - Taoglas antenna solutions LA02 Datasheet HTML 6Page - Taoglas antenna solutions LA02 Datasheet HTML 7Page - Taoglas antenna solutions LA02 Datasheet HTML 8Page - Taoglas antenna solutions LA02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SPE-15-8-040/B/WY
Page 1 of 20
SPECIFICATION
Part No.
:
LA.02
Model
:
2.4GHz
Embedded Loop Chip Antenna
Description
:
1dBi 2400MHz to 2500MHz
Wi-Fi/Bluetooth/Bluetooth LE/ ZigBee
Features
:
8*2*2mm Ceramic Antenna
Surface Mount
Low Profile
Peak gain 1dBi
50 Ohm Impedance
Components can be mounted on opposite side of
board to the antenna
RoHS


Similar Part No. - LA02

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA0224CS SANYO-LA0224CS Datasheet
60Kb / 4P
PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
LA0225CS SANYO-LA0225CS Datasheet
59Kb / 4P
PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
LA0225CV SANYO-LA0225CV Datasheet
59Kb / 4P
PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
More results

Similar Description - LA02

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ANT-24G-HL90-SMA RFSOLUTIONS-ANT-24G-HL90-SMA Datasheet
592Kb / 4P
2.4GHz Antenna
logo
Molex Electronics Ltd.
0479480001 MOLEX11-0479480001_16 Datasheet
52Kb / 1P
2.4GHz SMT On-ground MID Chip Antenna
logo
Pulse A Technitrol Comp...
W3317 PULSE-W3317 Datasheet
1Mb / 14P
Embedded Antenna
logo
Taoglas antenna solutio...
WCM010151 TAOGLAS-WCM010151 Datasheet
4Mb / 30P
2.4GHz Button Antenna
WLA01 TAOGLAS-WLA01 Datasheet
1Mb / 18P
2.4GHz High Efficiency Loop Antenna
ILA08 TAOGLAS-ILA08 Datasheet
2Mb / 19P
868MHz Embedded Ceramic Loop Antenna
logo
Abracon Corporation
ACAG0201-2450-T ABRACON-ACAG0201-2450-T Datasheet
2Mb / 5P
Low profile Compact 2.4GHz Ceramic Chip Antenna
06.21.2018
logo
Molex Electronics Ltd.
0479480001 MOLEX-0479480001_V01 Datasheet
49Kb / 1P
2.4GHz SMT MID Chip Antenna
2119640001 MOLEX-2119640001 Datasheet
39Kb / 1P
2.4GHz / 5GHz Ceramic Loop SMT Antenna
logo
Pulse A Technitrol Comp...
W3008G PULSE-W3008G Datasheet
1Mb / 15P
2.4GHz Ceramic Chip Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com