Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA02 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # LA02
Description  2.4GHz Embedded Loop Chip Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LA02 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  LA02 Datasheet HTML 1Page - Taoglas antenna solutions LA02 Datasheet HTML 2Page - Taoglas antenna solutions LA02 Datasheet HTML 3Page - Taoglas antenna solutions LA02 Datasheet HTML 4Page - Taoglas antenna solutions LA02 Datasheet HTML 5Page - Taoglas antenna solutions LA02 Datasheet HTML 6Page - Taoglas antenna solutions LA02 Datasheet HTML 7Page - Taoglas antenna solutions LA02 Datasheet HTML 8Page - Taoglas antenna solutions LA02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SPE-15-8-040/B/WY
Page 2 of 20
1. Introduction
The LA.02 is a 2.4GHz embedded loop chip antenna that has best in class efficiency, 66% on
center frequency. It’s a miniature SMD ceramic component, designed to be mounted directly
on the edge of the main device PCB and is suitable especially for very small space
requirements for Bluetooth LE, Wi-Fi, 802.11 applications. The LA.02 uses this main PCB
ground plane to increase antenna efficiency, requiring minimum ground-clearance around the
antenna. The opposite side of the board on which the antenna is mounted does not need
ground-clearance, allowing more space for components or signal routing. This antenna is
delivered on tape and reel.
Typical applications
- Telematics devices
- Bluetooth LE Wearables
- Bluetooth Headsets
- Hand-held devices when Bluetooth/Wi-Fi functions are needed, e.g., smart phone.
- IEEE802.11 b/g
- ZigBee
- Wireless PCMCIA cards or USB dongle
Some frequency offset may happen as is normal with antennas embedded devices, so the
antenna can be tuned for different PCB sizes and enclosures by simply changing the value of
the matching circuit. Please contact your regional Taoglas sales office for support.
Many module manufacturers specify peak gain limits for any antennas that are to be
connected to that module. Those peak gain limits are based on free-space conditions. In
practice, the peak gain of an antenna tested in free-space can degrade by at least 1 or 2dBi
when put inside a device. So ideally you should go for a slightly higher peak gain antenna than
mentioned on the module specification to compensate for this effect, giving you better
performance.
Upon testing of any of our antennas with your device and a selection of appropriate layout,
integration technique, or cable, Taoglas can make sure any of our antennas’ peak gain will be
below the peak gain limits. Taoglas can then issue a specification and/or report for the
selected antenna in your device that will clearly show it complying with the peak gain limits,
so you can be assured you are meeting regulatory requirements for that module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com