Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA02 Datasheet(PDF) 14 Page - Taoglas antenna solutions

Part # LA02
Description  2.4GHz Embedded Loop Chip Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LA02 Datasheet(HTML) 14 Page - Taoglas antenna solutions

Back Button LA02 Datasheet HTML 10Page - Taoglas antenna solutions LA02 Datasheet HTML 11Page - Taoglas antenna solutions LA02 Datasheet HTML 12Page - Taoglas antenna solutions LA02 Datasheet HTML 13Page - Taoglas antenna solutions LA02 Datasheet HTML 14Page - Taoglas antenna solutions LA02 Datasheet HTML 15Page - Taoglas antenna solutions LA02 Datasheet HTML 16Page - Taoglas antenna solutions LA02 Datasheet HTML 17Page - Taoglas antenna solutions LA02 Datasheet HTML 18Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SPE-15-8-040/B/WY
Page 14 of 20
5.5 Matching Circuit
Like all antennas, surrounding components, enclosures, and changes to the GND
plane dimensions can alter performance. A pi-matching network like the one shown
below is required in case adjustments need to be made. The antenna evaluation board
(EVB) has a similar matching network. The components on the EVB are a good
starting point for a new design, but will need to be adjusted upon integration to as
close as possible to 50 Ohm impedance for best performance. The zero ohm resistor
is needed for the ability to solder down a coax pigtail to make measurements with a
vector network analyzer. Contact your regional Taoglas sales office for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com